Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA20-700C Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # BTA20-700C
Description  20A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA20-700C Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BTA20-700C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA20-700C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA20-700C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA20-700C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 9: Ordering Information Scheme
Table 7: Product Selector
current for a sinusoidal pulse with width tp < 10 ms
and corresponding value of I2t
Figure 8: Relative variation of gate trigger
current and holding current versus junction
temperature
Part Numbers
Voltage (xxx)
Sensitivity
Type
Package
600 V
700 V
BTA20-xxxBWRG
X
X
50 mA
Snubberless
TO-220AB Ins.
BTA20-xxxCWRG
X
X
35 mA
0.01
0.10
1.00
10.00
100
1000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25°C
j
ITSM
I t
2
-40 -30 -20 -10
0
20
30
10
40
50 60
70
80 90
110
100
130
120
0.0
0.5
1.0
1.5
2.0
2.5
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
T (°C)
j
IGT
IH & IL
BT A 20 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
20 = 20A
600 = 600V
700 = 700V
BW = 50mA (max.)
CW = 35mA (max)
RG = Tube
BTA20 Series
Figure 7: Non-repetitive surge peak on-state
2014-6-10
4
www.kersemi.com


Similar Part No. - BTA20-700C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA20-700CW STMICROELECTRONICS-BTA20-700CW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
Inchange Semiconductor ...
BTA20-700CW ISC-BTA20-700CW Datasheet
186Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA20-700CWRG STMICROELECTRONICS-BTA20-700CWRG Datasheet
83Kb / 6P
   20A TRIACS
More results

Similar Description - BTA20-700C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
   20A TRIACS
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com