Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N51801M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N51801M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-ST), 1M (3-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N51801M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N51801M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N51801M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 50/125 Fiber Patch Cable (LC/ST),
1M (3-ft.)
MODEL NUMBER: N518-01M
Description
Tripp Lite's 1-meter ( 3ft ) multimode duplex fiber optic LC/ST patch cable is manufactured from 50/125 zipcord
fiber. The cable has LC connectors on one end, and ST connectors on the other. It has a PVC jacket and is
FDDI and OFNR rated. Duplex multimode fiber is most commonly used in fiber and Fibre Channel applications. It is backward compatible with 62.5 micron
fiber and built-in headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks.
Features
Constructed with 50/125 micron cable
Length - 1M
Use on fiber and fibre channel installations
LC male to ST male connectors
Higher bandwidth optimized for gigabit and 10Gbps networks
Backward compatible with 62.5 micron fiber
Built-in headroom for future applications
Specifications
OVERVIEW
Fiber Type
50/125 - OM2
Cable Type
Multimode
INPUT
Cable Length (ft.)
3
Highlights
Premium PVC multimode patch
cables
Attenuation loss meets or
exceeds the latest industry
standards
Perfect for use with Fibre
Channel Controller Cards and
Switches
Applications
Fibre Channel storage
installations
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/ST connectors
Package Includes
1M ( 3ft ) duplex MMF cable
LC/ST 50/125 fiber
1 / 2


Similar Part No. - N51801M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N51802M TRIPPLITE-N51802M Datasheet
474Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),2M (6-ft.)
N51803M TRIPPLITE-N51803M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),3M (10-ft.)
N51805M TRIPPLITE-N51805M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),5M (16-ft.)
More results

Similar Description - N51801M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N518-01M TRIPPLITE-N518-01M Datasheet
156Kb / 2P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/ST), 1M (3-ft.)
N52001M TRIPPLITE-N52001M Datasheet
493Kb / 3P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
N520-01M TRIPPLITE-N520-01M Datasheet
165Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N31801M TRIPPLITE-N31801M Datasheet
476Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 1M (3-ft.)
N318-01M TRIPPLITE-N318-01M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 1M (3-ft.)
N51601M TRIPPLITE-N51601M Datasheet
491Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 1M (3-ft.)
N516-01M TRIPPLITE-N516-01M Datasheet
157Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
N302003 TRIPPLITE-N302003 Datasheet
482Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 1M (3-ft)
N320-01M TRIPPLITE-N320-01M Datasheet
167Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N32001M TRIPPLITE-N32001M Datasheet
495Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com