Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N51815M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N51815M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),15M (50-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N51815M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N51815M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N51815M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
15
PHYSICAL
Color
Orange
COMMUNICATIONS
Network Speed
1Gbps
CONNECTIONS
Connector A
LC
Connector B
ST
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N51815M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N51810M TRIPPLITE-N51810M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),10M (33-ft.)
logo
Agilent(Hewlett-Packard...
N5181A HP-N5181A Datasheet
1Mb / 22P
   Fast switching speeds
N5181A HP-N5181A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
Keysight Technologies
N5181B KEYSIGHT-N5181B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators N5181B Analog & N5182B Vector
More results

Similar Description - N51815M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N518-15M TRIPPLITE-N518-15M Datasheet
156Kb / 2P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/ST), 15M (50-ft.)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N520-15M TRIPPLITE-N520-15M Datasheet
167Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
N31815M TRIPPLITE-N31815M Datasheet
475Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-ST), 15M (50-ft.)
N318-15M TRIPPLITE-N318-15M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/ST), 15M (50-ft.)
N51615M TRIPPLITE-N51615M Datasheet
489Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-SC), 15M (50-ft.)
N516-15M TRIPPLITE-N516-15M Datasheet
157Kb / 3P
   Duplex Multimode 50/125 Fiber Patch Cable (LC/SC), 15M (50-ft.)
N320-15M TRIPPLITE-N320-15M Datasheet
165Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
N30215M TRIPPLITE-N30215M Datasheet
482Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (ST-ST), 15M (50-ft)
N302-15M TRIPPLITE-N302-15M Datasheet
159Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (ST/ST), 15M (50-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com