Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACPCC0001 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MACPCC0001
Description  Low Cost SMT 17 dB Bi-Directional Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACPCC0001 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MACPCC0001_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACPCC0001_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACPCC0001_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACPCC0001_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Low Cost SMT 17 dB Bi-Directional Coupler
1700 – 2000 MHz
Rev. V2
MACPCC0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Coupling vs. Frequency
Insertion Loss vs. Frequency
VSWR vs. Frequency
Typical Performance Curves
Directivity vs. Frequency


Similar Part No. - MACPCC0001_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACPCC0001-TB MACOM-MACPCC0001-TB Datasheet
204Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001-TB MA-COM-MACPCC0001-TB Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
Tyco Electronics
MACPCC0001-TR MACOM-MACPCC0001-TR Datasheet
204Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001-TR MA-COM-MACPCC0001-TR Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
More results

Similar Description - MACPCC0001_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler
logo
Tyco Electronics
CH20-0033-17G MACOM-CH20-0033-17G Datasheet
99Kb / 2P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
CH20-0033-17G MA-COM-CH20-0033-17G Datasheet
89Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
Tyco Electronics
MACPCC0001 MACOM-MACPCC0001 Datasheet
204Kb / 4P
   Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002_15 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler
logo
Tyco Electronics
CH20-0032-17G MACOM-CH20-0032-17G_1 Datasheet
237Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
CH20-0033-17G MACOM-CH20-0033-17G_1 Datasheet
231Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com