Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACPCT0039 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MACPCT0039
Description  Broadband CATV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACPCT0039 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MACPCT0039_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACPCT0039_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACPCT0039_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband CATV, 10dB Coupler
5-1000 MHz
MACPCT0039
V1P
1
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface mount
• Typical coupling +10dB
• 260°C reflow compatible
• RoHS* compliant
• RoHS version of MACPES0034.
• Available on tape and reel, reel quantity 2000
Description
M/A-COM’s MACPCT0039 is a 10dB broadband
Coupler in a low cost, surface mount package. It of-
fers low loss, good isolation, good input/output
matching and exceptional coupling repeatability.
Ideally suited for high volume CATV/Broadband
applications.
Ordering Information
Part Number
Package
MACPCT0039TR
2000 piece reel
MACP-007982-CT39TB
Customer Test Board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Input
2
Ground
3
Coupled
4
Isolated (external 75 Ohms termination)
5
Output
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-138


Similar Part No. - MACPCT0039_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACPCT0039TR MACOM-MACPCT0039TR Datasheet
72Kb / 3P
   Broadband CATV, 10dB Coupler 5-1000 MHz
logo
M/A-COM Technology Solu...
MACPCT0039TR MA-COM-MACPCT0039TR Datasheet
69Kb / 3P
   Broadband CATV, 10dB Coupler 5-1000 MHz
More results

Similar Description - MACPCT0039_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0017 MA-COM-MAPDCT0017 Datasheet
169Kb / 4P
   Broadband CATV
MAPDCT0017 MA-COM-MAPDCT0017 Datasheet
169Kb / 4P
   Broadband CATV
MACPCT0040 MA-COM-MACPCT0040_15 Datasheet
85Kb / 3P
   Broadband CATV
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
MAAM-010373 MA-COM-MAAM-010373 Datasheet
195Kb / 5P
   Broadband CATV Amplifier
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
   Broadband CATV Amplifier
MACP-008125-CK07F0 MA-COM-MACP-008125-CK07F0 Datasheet
99Kb / 3P
   Broadband CATV, Coupler
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
   Broadband CATV Amplifier
MAAM-009633 MA-COM-MAAM-009633 Datasheet
203Kb / 4P
   Broadband CATV Amplifier
MAFL-009055-CD4254 MA-COM-MAFL-009055-CD4254_15 Datasheet
101Kb / 3P
   Broadband CATV Diplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com