Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N310006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N310006
Description  Duplex Multimode 62.5-125 Fiber Patch Cable (MTRJ-SC), 2M (6-ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N310006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N310006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N310006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
1.83
PHYSICAL
Color
Orange
COMMUNICATIONS
Network Speed
1Gbps
CONNECTIONS
Connector A
MTRJ
Connector B
SC
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N310006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N310003 TRIPPLITE-N310003 Datasheet
470Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable
More results

Similar Description - N310006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N310-006 TRIPPLITE-N310-006 Datasheet
158Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/SC), 2M (6-ft.)
N312-02M TRIPPLITE-N312-02M Datasheet
157Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/MTRJ), 2M (6-ft.)
N314-02M TRIPPLITE-N314-02M Datasheet
157Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/LC), 2M (6-ft.)
N306-006 TRIPPLITE-N306-006 Datasheet
164Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (SC/SC), 2M (6-ft.)
N308-006 TRIPPLITE-N308-006 Datasheet
155Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/ST), 2M (6-ft.)
N306006 TRIPPLITE-N306006 Datasheet
497Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (SC-SC), 2M (6-ft)
N304006 TRIPPLITE-N304006 Datasheet
493Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (SC-ST), 2M (6-ft)
N316-02M TRIPPLITE-N316-02M Datasheet
156Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/SC), 2M (6-ft.)
N310-15M TRIPPLITE-N310-15M Datasheet
158Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (MTRJ/SC), 15M (50-ft.)
N31005M TRIPPLITE-N31005M Datasheet
482Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (MTRJ-SC), 5M (16-ft)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com