Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP9059 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQP9059
Description  Advanced ET/APT-MIPI MMPA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9059 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQP9059_15 Datasheet HTML 1Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TQP9059
Advanced ET/APT-MIPI MMPA
Applications
WCDMA/HSDPA/HSUPA/HSPA+/ LTE
QB GMSK + EDGE
B34, B39 TD-SCDMA, TD-LTE
Product Features
ET optimized/ APT compatible
Quad-Band Linear GSM/EDGE
UMTS Bands 1, 2, 3, 4, 5, 8, 17, 20, 26, 28
WCDMA has 2 modes – HPM & LPM
Input power controlled – 8PSK
Vramp controlled output power – GMSK
Vramp optimized bias in 8PSK for linearity and
current consumption
Integrated band distribution switches
HBT / CuFlip® PA Technology
50 Ohm input and output impedance
Lead-free 260°C/RoHS/Halogen-free
General Description
The TQP9059 is a fully matched multimode multiband
Power
Amplifier
Module
that
supports
Quad-band
GSM/EDGE, W/CDMA & LTE Bands 1, 2, 3/4, 5, 8,17,
20, 26, and 28 for both ET and APT operation. The GSM
PA output power is controlled by a Vramp input from the
transceiver in GMSK modes, while for 8PSK operation
Vramp is used to optimize current consumption and
linearity. The 2-Gain state WCDMA PA operates in LPM
and HPM to maximize talk time over the entire range of
operating conditions. It also includes a built-in regulator,
ideal for today’s extremely small data enabled phones.
The TQP9059 is designed on TriQuint’s GaAs HBT
technology with CuFlip® assembly offering state of the
art reliability, temperature stability and ruggedness. RF
performance meets the stringent linearity requirements
for multi-mode operation.
42-Pin 5x7x1 mm Package
Functional Block Diagram
Ordering Information
Part No.
Description
TQP9059
Quad-Band EDGE + Hepta-band
WCDMA Multi-Mode PA Module
Standard T/R size = 2500 pieces on a 7” reel
Datasheet: Rev D Jan. 16, 2015
- 1 of 46 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP9059_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9059S TRIQUINT-TQP9059S Datasheet
100Kb / 1P
   Advanced ET/APT-MIPI MMPA
TQP9059S TRIQUINT-TQP9059S_15 Datasheet
100Kb / 1P
   Advanced ET/APT-MIPI MMPA
More results

Similar Description - TQP9059_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9059S TRIQUINT-TQP9059S_15 Datasheet
100Kb / 1P
   Advanced ET/APT-MIPI MMPA
TQP9051 TRIQUINT-TQP9051_15 Datasheet
81Kb / 1P
   MIPI ET/APT MMPA
logo
Broadcom Corporation.
ACPM-9301 BOARDCOM-ACPM-9301 Datasheet
165Kb / 3P
   TD-SCDMA/LTE B34/B39 MIPI APT PA 2.0 mm 횞 2.5 mm Power Amplifier Module
ACPM-9430 BOARDCOM-ACPM-9430 Datasheet
163Kb / 3P
   LTE Band 7 MIPI ET PA 2.0 mm 횞 2.5 mm Power Amplifier Module
logo
PHOENIX CONTACT
2906919 PHOENIX-2906919 Datasheet
79Kb / 4P
   Extension module - PLC-APT-PT100-IN
09/12/2020
logo
YUXIANG Magnetc materia...
ET20 YUXIANG-ET20 Datasheet
52Kb / 1P
   ET SERIES
logo
Panasonic Semiconductor
ET-ELT20 PANASONIC-ET-ELT20 Datasheet
275Kb / 1P
   ET-ELT20
logo
Analog Devices
ADV7533 AD-ADV7533 Datasheet
224Kb / 12P
   MIPI/DSI Receiver
REV. 0
logo
Skyworks Solutions Inc.
SKY77916 SKYWORKS-SKY77916_21 Datasheet
91Kb / 2P
   Supports APT, buck DC-DC supply
SKY77912 SKYWORKS-SKY77912_21 Datasheet
90Kb / 2P
   Supports APT, buck DC-DC supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com