Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP9108 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TQP9108
Description  1.7-2.17 GHz 2-stage Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9108 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TQP9108 Datasheet HTML 1Page - TriQuint Semiconductor TQP9108 Datasheet HTML 2Page - TriQuint Semiconductor TQP9108 Datasheet HTML 3Page - TriQuint Semiconductor TQP9108 Datasheet HTML 4Page - TriQuint Semiconductor TQP9108 Datasheet HTML 5Page - TriQuint Semiconductor TQP9108 Datasheet HTML 6Page - TriQuint Semiconductor TQP9108 Datasheet HTML 7Page - TriQuint Semiconductor TQP9108 Datasheet HTML 8Page - TriQuint Semiconductor TQP9108 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TQP9108
1.7-2.17 GHz 2-stage Power Amplifier
Advanced Data Sheet: Rev E 09-18-14
- 6 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Pin Configuration and Description
Pin 1
Reference Mark
Package Topside
Exposed
Backside Pad
GND
V
BIAS
V
CC
N/C
RFout
RFin V
PD1
N/C
N/C
N/C
N/C
N/C
N/C
V
PD2
12
1
9
6
7
11
4
13
2
10
3
5
8
AMP1
AMP2
Matching
Network
Matching
Network
Top View
Pin No.
Label
Description
1
VBIAS
Provides reference voltage for internal active biasing circuit
2
VCC
DC voltage supply connection
3, 4, 5, 6, 8, 9, 10
N/C
No internal connection. Provide grounded land pads for PCB mounting integrity.
7
RF out
RF output pin. The DC is internally blocked at this pin.
11
VPD1
Power down for Amp 1. This voltage adjusts for the current draw in Amp 1.
12
VPD2
Power down for Amp 2. This voltage adjusts for the current draw in Amp 2.
13
RF in
RF input pin. The DC is internally blocked at this pin.
Backside Pad
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal
resistance; see PCB Mounting Pattern for suggested footprint.


Similar Part No. - TQP9108

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9107 TRIQUINT-TQP9107 Datasheet
275Kb / 9P
   699-960 MHz 2-stage Power Amplifier
TQP9107-PCB TRIQUINT-TQP9107-PCB Datasheet
275Kb / 9P
   699-960 MHz 2-stage Power Amplifier
TQP9107 TRIQUINT-TQP9107_15 Datasheet
275Kb / 9P
   699-960 MHz 2-stage Power Amplifier
logo
Qorvo, Inc
TQP9109 QORVO-TQP9109 Datasheet
712Kb / 11P
   1/2 W 2-stage Linear Amplifier
TQP9109-PCB2140 QORVO-TQP9109-PCB2140 Datasheet
712Kb / 11P
   1/2 W 2-stage Linear Amplifier
More results

Similar Description - TQP9108

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWB7227 ANADIGICS-AWB7227 Datasheet
648Kb / 9P
   2.11-2.17 GHz Small-Cell Power Amplifier Module
AWB7127 ANADIGICS-AWB7127 Datasheet
647Kb / 9P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7127 SKYWORKS-AWB7127 Datasheet
793Kb / 10P
   2.11 GHz through 2.17 GHz Small-Cell Power Amplifier Module
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
   1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
   1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
   HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
logo
STMicroelectronics
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
logo
Tyco Electronics
MAAM12032 MACOM-MAAM12032 Datasheet
116Kb / 3P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com