Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP200002-PCB-50 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP200002-PCB-50
Description  ESD Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP200002-PCB-50 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP200002-PCB-50 Datasheet HTML 2Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 3Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 4Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 5Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 6Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 7Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 8Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 9Page - TriQuint Semiconductor TQP200002-PCB-50 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TQP200002
ESD Protection Device
Data Sheet: Rev E 04/16/13
- 10 of 11-
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Product Compliance Information
ESD Information
ESD Rating:
Class 3B
Value:
Passes ≥ 8 kV min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
Solderability
Compatible with the latest version of J-STD-020, Lead
free solder, 260°
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
Level 1 at +260 °C convection reflow
The part is rated Moisture Sensitivity Level 1 at 260°C per JEDEC
standard IPC/JEDEC J-STD-020.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web: www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@tqs.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: applications.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products. The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.


Similar Part No. - TQP200002-PCB-50

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP200002 QORVO-TQP200002 Datasheet
502Kb / 10P
   Dual ESD Diode
TQP200002SR QORVO-TQP200002SR Datasheet
502Kb / 10P
   Dual ESD Diode
More results

Similar Description - TQP200002-PCB-50

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD24VLB MCC-ESD24VLB Datasheet
719Kb / 4P
   ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
PESD1524VD FUTUREWAFER-PESD1524VD Datasheet
755Kb / 3P
   ESD Protection Device
logo
Nexperia B.V. All right...
PESD12VL1BSL NEXPERIA-PESD12VL1BSL Datasheet
225Kb / 11P
   ESD protection device
3 September 2021
logo
Micro Commercial Compon...
ESD36VD3BHE3 MCC-ESD36VD3BHE3 Datasheet
944Kb / 4P
   ESD Protection Device
Rev.3-1-12022022
ESD12VL MCC-ESD12VL Datasheet
1Mb / 4P
   ESD Protection Device
ESD24VD3BHE3 MCC-ESD24VD3BHE3 Datasheet
1,002Kb / 4P
   ESD Protection Device
Rev.3-1-12022022
logo
Nexperia B.V. All right...
PESD7V0L1BSL NEXPERIA-PESD7V0L1BSL Datasheet
224Kb / 11P
   ESD protection device
3 September 2021
logo
Chip Integration Techno...
T1211LC CITC-T1211LC Datasheet
499Kb / 4P
   ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT1211LC LUGUANG-LGLT1211LC Datasheet
1Mb / 4P
   ESD Protection Device
logo
Micro Commercial Compon...
ESD15VL MCC-ESD15VL Datasheet
976Kb / 4P
   ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com