Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP369180 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TQP369180
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369180 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TQP369180 Datasheet HTML 1Page - TriQuint Semiconductor TQP369180 Datasheet HTML 2Page - TriQuint Semiconductor TQP369180 Datasheet HTML 3Page - TriQuint Semiconductor TQP369180 Datasheet HTML 4Page - TriQuint Semiconductor TQP369180 Datasheet HTML 5Page - TriQuint Semiconductor TQP369180 Datasheet HTML 6Page - TriQuint Semiconductor TQP369180 Datasheet HTML 7Page - TriQuint Semiconductor TQP369180 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TQP369180
DC-6 GHz Gain Block
TQP369180-PCB Evaluation Board
C2
C1
C3
J4
J3
J1
J2
Q1
Q1
J2
RF
Output
J4 GND
J3
Vsupply
1
2,4
3
J1
RF
Input
L1
39 nH
R1
24
C3
56 pF
C2
56 pF
C1
0.018 uF
Vcc
Notes:
1. See Evaluation Board PCB Information section for material and stack-up.
2.
All components are of 0603 size unless otherwise stated.
Bill of Material − TQP369180-PCB
Reference Des.
Value
Description
Manuf.
Part Number
Q1
n/a
High Linearity LNA Gain Block
TriQuint
TQP369180
C1
0.018 uF
Cap, Chip, 0603, 16V, X7R, 10%
various
C2, C3
56 pF
Cap, Chip, 0603, 50V, NPO, 5%
various
L1
39 nH
Inductor, 0603, 5%, CS Series
Coilcraft
0603CS-39NXJL
R1
24 Ω
Res, Chip, 0805, 1/10W, 5%
various
Component Values for Specific Frequencies
Frequency (MHz)
50
500
900
1900
2200
2500
3500
L1
820 nH
220 nH
68 nH
27 nH
22 nH
18 nH
15 nH
C2, C3
.018 uF
1000 pF
100 pF
68 pF
68 pF
56 pF
39 pF
Bias Resistor Values for Various Supply Voltages
VSUPPLY (V)
5
6
7
8
9
10
12
R1
24
Ω
47
Ω
68
Ω
91
Ω
110
Ω
130
Ω
180
Ω
Component Size
0805
1206
1210
1210
1210
2010
2010
Datasheet: Rev G 08/15/14
- 4 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP369180

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369180-PCB TRIQUINT-TQP369180-PCB Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
More results

Similar Description - TQP369180

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com