Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP369180-PCB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQP369180-PCB
Description  DC-6 GHz Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP369180-PCB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQP369180-PCB Datasheet HTML 1Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 2Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 3Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 4Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 5Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 6Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 7Page - TriQuint Semiconductor TQP369180-PCB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TQP369180
DC-6 GHz Gain Block
S-Parameters
Test Conditions: VCC=+3.9 V (typ.), ICC=45 mA (typ.), TCASE=+25
°
C, 50Ω system, calibrated to device leads
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
10
-28.1
-178.4
16.1
179.8
-19.0
0.5
-38.9
46.0
20
-27.6
-176.2
16.1
179.4
-19.0
-0.2
-40.4
34.7
50
-27.4
-178.9
16.1
178.9
-18.9
-0.7
-40.9
0.7
100
-27.1
176.6
16.1
176.5
-18.9
-1.6
-44.0
4.6
200
-27.5
175.7
16.1
172.9
-18.9
-3.3
-40.9
13.8
500
-28.4
151.7
16.1
162.9
-19.0
-8.4
-45.8
-66.1
900
-26.4
148.6
15.9
149.1
-19.0
-15.6
-42.0
-131.5
1000
-25.9
139.6
15.9
145.6
-19.0
-17.2
-36.4
-158.2
1500
-24.2
135.2
15.8
128.4
-19.1
-25.8
-28.6
176.7
1900
-22.8
116.2
15.7
114.9
-19.1
-32.9
-24.4
164.8
2000
-21.5
109.8
15.7
111.7
-19.2
-34.9
-23.9
168.4
2500
-19.3
104.3
15.6
94.6
-19.3
-42.8
-20.6
139.2
3000
-18.6
93.7
15.4
78.3
-19.5
-51.7
-17.4
130.9
3500
-18.1
76.1
15.2
61.8
-19.8
-61.0
-16.2
125.1
4000
-16.4
76.9
15.1
44.9
-19.9
-68.8
-14.4
109.0
4500
-15.7
65.7
14.8
28.2
-20.3
-78.5
-13.3
99.6
5000
-16.2
67.4
14.6
11.9
-20.4
-86.8
-12.9
91.7
5500
-17.6
62.5
14.5
-5.0
-21.0
-94.9
-11.6
85.0
6000
-15.9
53.6
14.2
-21.7
-21.5
-103.1
-11.1
82.5
Datasheet: Rev G 08/15/14
- 3 of 8 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TQP369180-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP369180-PCB TRIQUINT-TQP369180-PCB Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
More results

Similar Description - TQP369180-PCB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP369184 QORVO-TQP369184 Datasheet
785Kb / 10P
   DC ??6 GHz Gain Block
June 25, 2020
logo
TriQuint Semiconductor
TQP369180 TRIQUINT-TQP369180 Datasheet
695Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182_15 Datasheet
387Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184_15 Datasheet
717Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369185 QORVO-TQP369185 Datasheet
659Kb / 10P
   DC ??6 GHz Gain Block
May 14, 2021
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181_15 Datasheet
907Kb / 8P
   DC-6 GHz Gain Block
TQP369185 TRIQUINT-TQP369185_15 Datasheet
554Kb / 8P
   DC-6 GHz Gain Block
logo
Qorvo, Inc
TQP369182 QORVO-TQP369182 Datasheet
751Kb / 10P
   DC ??6 GHz Gain Block
January 28, 2022
logo
TriQuint Semiconductor
TQP369181 TRIQUINT-TQP369181 Datasheet
897Kb / 8P
   DC-6 GHz Gain Block
TQP369182 TRIQUINT-TQP369182 Datasheet
691Kb / 8P
   DC-6 GHz Gain Block
TQP369184 TRIQUINT-TQP369184 Datasheet
858Kb / 8P
   DC-6 GHz Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com