Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N492036LCLCE Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N492036LCLCE
Description  36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC-LC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N492036LCLCE Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N492036LCLCE Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N492036LCLCE Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
36-Port Fiber Patch Panel Enclosure, 1U
Rack-Mount (LC/LC)
MODEL NUMBER: N492-036-LCLC-E
Description
Tripp Lite N492-016-LCLC-E is a pre-loaded, 36-port, LC/LC fiber patch enclosure that supports either
Multimode or Singlemode LC Fiber cable patching. Features rugged heavy steel construction, with multiple rear
entry points for trunk cable feeding into the panel, providing protection as well as internal management. 1U design takes up minimal space while allowing for
maximum patching.
Features
36 port LC/LC Feed Through couplers in a 1U panel ( 3 x 12port modules )
Supports Singlemode or Multimode Fiber connections
19" Wide x 8" Deep x 1.75" High
Pull-out locking tray for easy access to internal connections
Heavy Cold-Rolled steel construction, Black Powder Coated finish
Six rear cable entry ports
Adjustable depth mounting
Specifications
OVERVIEW
Cable Type
Fiber
PHYSICAL
Unit Dimensions (hwd / in.)
1.75 x 19 x 8
Unit Dimensions (hwd / cm)
4.445 x 48.26 x 20.32
Color
Black
Highlights
Supports up to 36 LC/LC patch
connections
Multimode or Singlemode
Space saving 1U design, 19"
rackmountable
Applications
Data centers, premise
installations, telecommunication
networks
Ethernet, fiber channel, ATM,
LAN, MAN and WAN
Data communication
Package Includes
1U Chassis
3 x 12-port LC Feed-Through
Adapter plate
Mounting Brackets
Mounting Screws
1 / 2


Similar Part No. - N492036LCLCE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N492-036-LCLC-E TRIPPLITE-N492-036-LCLC-E Datasheet
157Kb / 2P
   36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC/LC)
N492-06D-SC TRIPPLITE-N492-06D-SC Datasheet
163Kb / 2P
   High-Density Fiber Adapter Panel (MMF/SMF), 6 SC Duplex Connectors, Black
N492-08D-LC TRIPPLITE-N492-08D-LC Datasheet
165Kb / 2P
   High-Density Fiber Adapter Panel (MMF/SMF), 8 LC Duplex Connectors, Black
N492-08S-ST TRIPPLITE-N492-08S-ST Datasheet
162Kb / 2P
   High-Density Fiber Adapter Panel (MMF/SMF), 8 ST Simplex Connectors, Black
N492-WM2-BK TRIPPLITE-N492-WM2-BK Datasheet
163Kb / 2P
   Wall-Mount Fiber Optic Distribution Enclosure, 2-Panel Capacity
More results

Similar Description - N492036LCLCE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N492-036-LCLC-E TRIPPLITE-N492-036-LCLC-E Datasheet
157Kb / 2P
   36-Port Fiber Patch Panel Enclosure, 1U Rack-Mount (LC/LC)
N490016LCLC TRIPPLITE-N490016LCLC Datasheet
463Kb / 2P
   16-Port Fiber Patch Panel, 1U (LC-LC)
N490-016-LCLC TRIPPLITE-N490-016-LCLC Datasheet
152Kb / 2P
   16-Port Fiber Patch Panel, 1U (LC/LC), Multimode or Singlemode
N490016SCSC TRIPPLITE-N490016SCSC Datasheet
465Kb / 2P
   16-Port Fiber Patch Panel, 1U (SC-SC)
N490016STST TRIPPLITE-N490016STST Datasheet
465Kb / 2P
   16-Port Fiber Patch Panel, 1U (ST-ST)
logo
List of Unclassifed Man...
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N254-024-6A TRIPPLITE-N254-024-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount Cat6a Feedthrough Patch Panel, RJ45 Ethernet
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
   Fiber optic coupling - FL MM PATCH COUPLER LC-LC
2700313 PHOENIX-2700313 Datasheet
53Kb / 2P
   Fiber optic coupling - FL SM PATCH COUPLER LC-LC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com