Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000025-150000 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000025-150000
Description  GaN on SiC HEMT Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000025-150000 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000025-150000_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000025-150000_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000025-150000_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000025-150000_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000025-150000_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000025-150000_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000025-150000_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GaN on SiC HEMT Power Transistor
150 W, 1-2500 MHz
Rev. V1
MAGX-000025-150000
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
6
Typical Performance Curves
2500 MHz, 300 µs Pulse, 20% Duty, VDD = 50 V, Idq = 600 mA
Output Power Vs. Input Power
Drain Efficiency Vs. Output Power
Application Section
1200-1400 MHz, 300 µs Pulse, 20% Duty, VDD = 50 V, Idq = 600 mA
Output Power Vs. Input Power
Drain Efficiency Vs. Output Power
2500 MHz, CW, VDD = 28 V, Idq = 600 mA
Output Power Vs. Input Power
Drain Efficiency Vs. Output Power
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
4
PIN (W)
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
45
POUT (W)
0
25
50
75
100
125
150
175
200
225
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PIN (W)
1200
1300
1400
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
200
POUT (W)
1200
1300
1400
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
7
8
PIN (W)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
POUT (W)


Similar Part No. - MAGX-000025-150000_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000025-150000-V1 MA-COM-MAGX-000025-150000-V1 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
More results

Similar Description - MAGX-000025-150000_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-01000X MA-COM-MAGX-000035-01000X_15 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000-V2 MA-COM-MAGX-000245-014000-V2 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000-V1 MA-COM-MAGX-000245-025000-V1 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000 MA-COM-MAGX-000245-014000 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000025-150000-V1 MA-COM-MAGX-000025-150000-V1 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000 MA-COM-MAGX-000245-025000 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000 MA-COM-MAGX-000245-014000_15 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000 MA-COM-MAGX-000245-025000_15 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com