Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP519021 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQP519021
Description  680-920 MHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP519021 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQP519021_15 Datasheet HTML 1Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 2Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 3Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP519021_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TQP519021
680
 – 920 MHz High IP3 Dual Channel Downconverter
Datasheet: Rev. D 01-06-15
- 5 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance Plots: Low-side LO with Standard Current Mode
Test conditions unless otherwise noted: Vcc =+5
 V, Temp. = +25 °C, Both Channels, LO power = 0 dBm
RF
 = 820 MHz, LO = 680 MHz, IF = 140 MHz
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
- 40
°C
+25
°C
+85
°C
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
5.25 V
5 V
4.75 V
5
6
7
8
9
10
11
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
70 MHz
100 MHz
140 MHz
200 MHz
250 MHz
20
25
30
35
40
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
1 MHz Tone Spacing
Pin/tone = -10 dBm
20
25
30
35
40
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
5.25 V
5 V
4.75 V
1 MHz Tone Spacing
Pin/tone = -10 dBm
20
25
30
35
40
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP3 vs. RF Frequency
70 MHz
100 MHz
140 MHz
200 MHz
250 MHz
55
60
65
70
75
80
85
600
700
800
900
1000
1100
1200
Frequency (MHz)
Input IP2 vs. RF Frequency
- 40
°C
+25
°C
+85
°C
Pin/tone = -10 dBm
55
60
65
70
75
80
85
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP2 vs. RF Frequency
5.25 V
5 V
4.75 V
Pin/tone = -10 dBm
55
60
65
70
75
80
85
600
700
800
900
1000
1100
1200
RF Frequency (MHz)
Input IP2 vs. RF Frequency
70 MHz
100 MHz
140 MHz
200 MHz
250 MHz
8
9
10
11
12
13
14
680
720
760
800
840
880
920
RF Frequency (MHz)
Noise Figure vs. RF Frequency
10
11
12
13
14
15
700
750
800
850
900
RF Frequency (MHz)
Input P1dB vs. RF Frequency
0
5
10
15
20
25
30
680
720
760
800
840
880
920
RF Frequency (MHz)
RF-IF Isolation vs RF Frequency
- 40
°C
+25
°C
+85
°C


Similar Part No. - TQP519021_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021-PCB TRIQUINT-TQP519021-PCB Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
More results

Similar Description - TQP519021_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP519021 TRIQUINT-TQP519021 Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
HMC581LP6 HITTITE-HMC581LP6_09 Datasheet
297Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC683LP6C HITTITE-HMC683LP6C Datasheet
868Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com