Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP569022 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP569022
Description  1.7-2.2 GHz High IP3 Dual Channel Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP569022 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP569022_15 Datasheet HTML 4Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 5Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 6Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 7Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 8Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 9Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 10Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 11Page - TriQuint Semiconductor TQP569022_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TQP569022
1.7
 – 2.2 GHz High IP3 Dual Channel Downconverter
Datasheet: Rev. E 01-06-15
- 8 of 14 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance Plots : High-side LO in Standard Current Mode
Test conditions unless otherwise noted: Vcc
 = +5 V, Temp. = +25 °C, Both Channels, LO power = 0 dBm
RF
 = 1950 MHz, LO = 2090 MHz, IF = 140 MHz
6
7
8
9
10
11
12
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
+85
°C
+25
°C
−40°C
6
7
8
9
10
11
12
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
4.75 V
5.0 V
5.25 V
6
7
8
9
10
11
12
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Conversion Gain vs. RF Frequency
101 MHz
201 MHz
150 MHz
251 MHz
301 MHz
20
25
30
35
40
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP3 vs. RF Frequency
1 MHz Tone Spacing
Pin/Tone = -10dBm
+85
°C
+25
°C
−40°C
20
25
30
35
40
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP3 vs. RF Frequency
1 MHz Tone Spacing
Pin/Tone = -10dBm
4.75 V
5.0 V
5.25 V
20
25
30
35
40
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP3 vs. RF Frequency
101 MHz
201 MHz
151 MHz
251 MHz
301 MHz
1 MHz Tone Spacing
Pin/Tone = -10dBm
55
60
65
70
75
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP2 vs. RF Frequency
Pin/Tone = -10dBm
+85
°C
+25
°C
−40°C
55
60
65
70
75
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP2 vs. RF Frequency
4.75 V
5.0 V
5.25 V
Pin/Tone = -10dBm
55
60
65
70
75
1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
RF Frequency (MHz)
Input IP2 vs. RF Frequency
101MHz
201MHz
151 MHz
251 MHz
301 MHz
Pin/Tone = -10dBm
6
7
8
9
10
11
12
1700
1800
1900
2000
2100
2200
RF Frequency (MHz)
Noise Figure vs. RF Frequency
10
11
12
13
14
15
1700
1800
1900
2000
2100
2200
RF Frequency (MHz)
Input P1dB vs. RF Frequency
20
25
30
35
40
45
50
1700
1800
1900
2000
2100
2200
2300
2400
RF Frequency (MHz)
RF-IF Isolation vs. RF Frequency
+85
°C
+25
°C
−40°C


Similar Part No. - TQP569022_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
Qorvo, Inc
TQP5115 QORVO-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
TriQuint Semiconductor
TQP519021 TRIQUINT-TQP519021 Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
TQP519021 TRIQUINT-TQP519021 Datasheet
709Kb / 15P
   680-920 MHz High IP3 Dual Channel Downconverter
TQP519021-PCB TRIQUINT-TQP519021-PCB Datasheet
804Kb / 14P
   680-920 MHz High IP3 Dual Channel Downconverter
More results

Similar Description - TQP569022_15

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC461LP3 HITTITE-HMC461LP3_09 Datasheet
332Kb / 8P
   InGaP HBT 1 Watt High IP3 AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com