Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000035-09000P Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000035-09000P
Description  GaN Wideband 90 W Pulsed Transistor in Plastic Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000035-09000P Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAGX-000035-09000P_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAGX-000035-09000P_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GaN Wideband 90 W Pulsed Transistor in Plastic Package
DC - 3.5 GHz
Rev. V3
MAGX-000035-09000P
9
99
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Applications Section
1.2 - 1.4 GHz, 3 ms Pulse, 10% Duty Cycle, VDD = +50 V, TA = 25°C, Z0 = 50 Ω
Typical Performance Curves (reference 1.2 - 1.4 GHz parts list):
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
1.2 GHz
1.3 GHz
1.4 GHz
Input Power (W)
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
1.2 GHz
1.3 GHz
1.4 GHz
Input Power (W)
PAE vs. Input Power
Gain vs. Input Power
Output Power vs. Input Power
12
14
16
18
20
22
0.0
0.5
1.0
1.5
2.0
1.2 GHz
1.3 GHz
1.4 GHz
Input Power (W)


Similar Part No. - MAGX-000035-09000P_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
314Kb / 11P
   GaN on SiC D-Mode Transistor Technology Common-Source Configuration
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
More results

Similar Description - MAGX-000035-09000P_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P MA-COM-MAGX-000040-00500P_15 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P-V2 MA-COM-MAGX-000040-00500P-V2 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000035-01000P MA-COM-MAGX-000035-01000P_15 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com