Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1959MILDICE Datasheet(PDF) 2 Page - Linear Technology

Part # RH1959MILDICE
Description  4.5A, 500KHz Step-Down Switching Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1959MILDICE Datasheet(HTML) 2 Page - Linear Technology

  RH1959MILDICE_15 Datasheet HTML 1Page - Linear Technology RH1959MILDICE_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DICE/DWF SPECIFICATION
2
RH1959MILDICE
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information
on dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
I.D.No. 66-13-3415
DICE/DWF ELECTRICAL TEST LIMITS For non-specified test conditions, T
A = 25°C, TJ = 25°C, VIN = 5V,
VC = 1.5V, Boost = VIN + 5V, switch open. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Dice are probe tested at 25°C to the limits shown except for high
current tests. Dice are tested under low current conditions which assure
full load current specifications when assembled in packaging systems
approved by Linear Technology.
Note 3: Gain is measured with a VC swing equal to 200mV above the
switching threshold level to 200mV below the upper clamp level.
Note 4: Minimum input voltage is not measured directly, but is guaranteed
by other tests. It is defined as the voltage where internal bias lines are still
regulated so that the reference voltage and oscillator frequency remain
constant. Actual minimum input voltage to maintain a regulated output will
depend on output voltage and load current.
Note 5: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the internal power switch.
Note 6: Boost current is the current flowing into the boost pin with the pin
held 5V above input voltage. It flows only during switch on time.
Note 7: Input supply current is the bias current drawn by the input pin
with switching disabled.
Note 8: Switch on resistance is calculated by dividing VIN to VSW voltage
by the forced current (4.5A).
Note 9: This parameter is not measured directly, but is guaranteed by
design.
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2014
LT 0814 • PRINTED IN USA
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Feedback Voltage (Adjustable)
All Conditions
1.19
1.23
V
Reference Voltage Line Regulation
4.3V ≤ VIN ≤15V
–0.03
0.03
%/V
Feedback Input Bias Current
–0.5
0.5
µA
Error Amplifier Voltage Gain (Note 3)
200
Error Amplifier Transconductance (Note 9)
DI (VC) = ±10mA
1500
2700
mMho
Error Amplifier Source Current
VFB = 1.05V
140
320
mA
Error Amplifier Sink Current VFB = 1.35V
VFB = 1.35V
140
320
mA
Switch Current Limit (Note 9)
VC Open, VFB = 1.05V, DC ≤ 50%
4.5
8.5
A
Switch On Resistance (Notes 8, 9)
ISW = 4.5A
0.1
Ω
Maximum Switch Duty Cycle VFB = 1.05V
VFB = 1.05V
90
%
Switch Frequency
VC Set to Give 50% Duty Cycle
460
540
kHz
Switch Frequency Line Regulation
4.3V ≤ VIN ≤ 15V
–0.15
0.15
%/V
Frequency Shifting Threshold on FB Pin
Df = 10kHz
0.5
1
V
Minimum Input Voltage (Note 4)
4.3
V
Minimum Boost Voltage (Notes 5, 9)
ISW ≤ 4.5A
3
V
Boost Current (Notes 6, 9)
ISW = 1A
ISW = 4.5A
35
140
mA
mA
Input Supply Current (Note 7)
5.4
mA
Shutdown Supply Current
VSHDN = 0V, VSW = 0V, VC Open
50
µA
Lockout Threshold
VC Open, VFB = 1.05V, DC ≤ 50%
2.3
2.46
V
Shutdown Thresholds
VC Open Device Shutting Down
Device Starting Up
0.13
0.25
0.6
0.7
V
V
Synchronization Threshold
2.2
V
Synchronizing Range
580
1000
kHz


Similar Part No. - RH1959MILDICE_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RH1 SANKEN-RH1 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RH1 EIC-RH1 Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
RH1 TAYCHIPST-RH1 Datasheet
911Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
SHENZHEN YONGERJIA INDU...
RH1 WINNERJOIN-RH1 Datasheet
257Kb / 7P
   Fast Switching Rectifiers
logo
SUNMATE electronic Co.,...
RH1 SUNMATE-RH1 Datasheet
274Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - RH1959MILDICE_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
logo
Anaren Microwave
MSK5032 ANAREN-MSK5032 Datasheet
930Kb / 9P
   4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
MSK5059RH ANAREN-MSK5059RH Datasheet
575Kb / 9P
   RAD HARD 4.5A, 500KHZ STEP DOWN SWITCHING REGULATOR CONTROLLER
logo
Linear Technology
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com