Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH3083MK Datasheet(PDF) 6 Page - Linear Technology

Part # RH3083MK
Description  Adjustable 2.8A Single Resistor Low Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH3083MK Datasheet(HTML) 6 Page - Linear Technology

  RH3083MK_15 Datasheet HTML 1Page - Linear Technology RH3083MK_15 Datasheet HTML 2Page - Linear Technology RH3083MK_15 Datasheet HTML 3Page - Linear Technology RH3083MK_15 Datasheet HTML 4Page - Linear Technology RH3083MK_15 Datasheet HTML 5Page - Linear Technology RH3083MK_15 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RH3083MK DICE/DWF
6
rh3083mkfa
LINEAR TECHNOLOGY CORPORATION 2014
LT 1014 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507
tyPical PerForMance characteristics
SET Pin Current
Dropout Voltage
(Minimum IN Voltage)
Dropout Voltage
(Minimum VCONTROL Pin Voltage)
Offset Voltage
Minimum Load Current
Current Limit
ID 66-13-3083
TOTAL DOSE (kRADS)
0
49.5
49.6
49.8
49.9
50.0
50.5
50.2
50
100
3083 G01
49.7
50.3
50.4
50.1
150
200
TOTAL DOSE (kRADS)
0
–1.0
–0.8
–0.4
–0.2
0
1.0
IL = 1mA
0.4
50
100
3083 G02
–0.6
0.6
0.8
0.2
150
200
TOTAL DOSE (kRADS)
0
0
0.1
0.3
0.4
0.5
1.0
0.7
50
100
3083 G03
0.2
0.8
0.9
0.6
150
200
VIN – VOUT = 23V, VCONTROL – VOUT = 25V
VIN – VOUT = 1V, VCONTROL – VOUT = 2V
TOTAL DOSE (kRADS)
0
0
50
150
200
250
500
350
50
100
3083 G04
100
400
450
300
150
200
ILOAD = 2.8A
ILOAD = 1A
TOTAL DOSE (kRADS)
0
0.8
1.0
1.4
150
3083 G05
0.6
0.4
50
100
200
0.2
0
1.2
ILOAD = 2.8A
TOTAL DOSE (kRADS)
0
2.0
2.2
2.6
2.8
3.0
4.0
3.4
50
100
3083 G06
2.4
3.6
3.8
3.2
150
200
VIN = VCONTROL = 5V
VOUT = 0V
revision history
REV
DATE
DESCRIPTION
PAGE NUMBER
A
10/14
IL Min = 5mA; VCONTROL = 2V to 25V; Line Reg ISET and Line Reg, VOS update, added Note 11
2, 3, 4


Similar Part No. - RH3083MK_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MKDICE LINER-RH3080MKDICE Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MKDWF LINER-RH3080MKDWF Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
More results

Similar Description - RH3083MK_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com