Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3286
Description  This document describes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3286 Datasheet HTML 1Page - STMicroelectronics AN3286 Datasheet HTML 2Page - STMicroelectronics AN3286 Datasheet HTML 3Page - STMicroelectronics AN3286 Datasheet HTML 4Page - STMicroelectronics AN3286 Datasheet HTML 5Page - STMicroelectronics AN3286 Datasheet HTML 6Page - STMicroelectronics AN3286 Datasheet HTML 7Page - STMicroelectronics AN3286 Datasheet HTML 8Page - STMicroelectronics AN3286 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
August 2011
Doc ID 17998 Rev 1
1/42
AN3286
Application note
EVLVIPER25L-10WSB: 5 V/10 W, quasi-resonant isolated flyback
Introduction
This document describes a 5 V - 2 A SMPS using VIPer25, a current-mode offline converter,
specifically designed to build quasi-resonant flyback converters. Quasi-resonant operation,
in conjunction with other features of the device (very low quiescent currents; valley skipping
operation at light load; burst mode operation at very low or disconnected load) helps to
reach very good requirements both in terms of efficiency and in terms of consumption from
the mains at light load, allowing to meet the most modern SMPS standards.
The other features of the device are: 800 V avalanche rugged power section, limiting current
with adjustable set point, onboard soft-start, safe auto-restart after a fault condition, and
feed-forward correction.
The available protections are: adjustable and accurate overvoltage protection, thermal
shutdown with hysteresis, and delayed overload protection.
Figure 1.
Demonstration board image
www.st.com


Similar Part No. - AN3286

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3280 STMICROELECTRONICS-AN3280 Datasheet
171Kb / 13P
   Displaying variable voltage on a bar of LEDs using STM8S-DISCOVERY
AN3288 STMICROELECTRONICS-AN3288 Datasheet
1Mb / 27P
   The purpose of this application note is to provide an accurate description
More results

Similar Description - AN3286

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
   This document describes
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
   This document describes
logo
Silicon Laboratories
SI50X-32X4-EVB SILABS-SI50X-32X4-EVB Datasheet
1Mb / 8P
   This document describes the operation
logo
STMicroelectronics
UM1524 STMICROELECTRONICS-UM1524 Datasheet
1Mb / 35P
   This document describes the functions
UM1554 STMICROELECTRONICS-UM1554 Datasheet
1Mb / 34P
   This document describes the functioning
UM1529 STMICROELECTRONICS-UM1529 Datasheet
1Mb / 35P
   This document describes the functioning
TN0436 STMICROELECTRONICS-TN0436 Datasheet
73Kb / 10P
   This document describes the differences between
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
   This document describes a reference design
logo
ams AG
AS1111C AMSCO-AS1111C Datasheet
759Kb / 10P
   This document describes the AS1111C Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com