Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK0021FP Datasheet(PDF) 8 Page - M.S. Kennedy Corporation

Part # MSK0021FP
Description  High Output Current - 2 Amps Peak
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0021FP Datasheet(HTML) 8 Page - M.S. Kennedy Corporation

  MSK0021FP_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK0021FP_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Industrial
MIL-PRF-38534 CLASS H
8
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
Fax (315) 701-6752
www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet
MECHANICAL SPECIFICATIONS CONTINUED
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates pin 1.
MSK0021FPG
ORDERING INFORMATION
Part
Number
MSK 0021FPG
MSK 0021FPG H
TBD
Screening Level
DSCC - SMD
WEIGHT=3.8 GRAMS TYPICAL
8548-83 Rev. D 11/12


Similar Part No. - MSK0021FP_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0021FPG ANAREN-MSK0021FPG Datasheet
854Kb / 9P
   HIGH POWER OP-AMP
MSK0021FPG ANAREN-MSK0021FPG Datasheet
854Kb / 9P
   HIGH POWER OP-AMP
MSK0021FPGH ANAREN-MSK0021FPGH Datasheet
854Kb / 9P
   HIGH POWER OP-AMP
MSK0021FPGH ANAREN-MSK0021FPGH Datasheet
854Kb / 9P
   HIGH POWER OP-AMP
MSK0021FPH ANAREN-MSK0021FPH Datasheet
854Kb / 9P
   HIGH POWER OP-AMP
More results

Similar Description - MSK0021FP_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK541 MSK-MSK541_15 Datasheet
246Kb / 8P
   High Output Current - 10 Amps Peak
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Analog Devices
ADUM4121 AD-ADUM4121 Datasheet
529Kb / 16P
   2 A peak output current (<2 廓 RDSON)
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
logo
SynQor Worldwide Headqu...
MQHE-28E-P SYNQOR-MQHE-28E-P Datasheet
7Mb / 17P
   10 amps output current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com