Electronic Components Datasheet Search |
|
2SC2335 Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
2SC2335 Datasheet(HTML) 4 Page - Renesas Technology Corp |
4 / 8 page Data Sheet D14861EJ2V0DS 2 2SC2335 ELECTRICAL CHARACTERISTICS (TA = 25 °°°°C) Parameter Symbol Conditions MIN. TYP. MAX. Unit Collector to emitter voltage VCEO(SUS) IC = 3.0 A, IB1 = 0.6 A, L = 1 mH 400 V Collector to emitter voltage VCEX(SUS)1 IC = 3.0 A, IB1 = −IB2 = 0.6 A, VBE(OFF) = −5.0 V, L = 180 µH, clamped 450 V Collector to emitter voltage VCEX(SUS)2 IC = 6.0 A, IB1 = 2.0 A, −IB2 = 0.6 A, VBE(OFF) = −5.0 V, L = 180 µH, clamped 400 V Collector cutoff current ICBO VCB = 400 V, IE = 0 A 10 µA Collector cutoff current ICER VCE = 400 V, RBE = 51 Ω, TA = 125°C 1.0 mA Collector cutoff current ICEX1 VCE = 400 V, VBE(OFF) = −1.5 V 10 µA Collector cutoff current ICEX2 VCE = 400 V, VBE(OFF) = −1.5 V, TA = 125 °C 1.0 mA Emitter cutoff current IEBO VEB = 5.0 V, IC = 0 A 10 µA DC current gain hFE1 VCE = 5.0 V, IC = 0.1 A Note 20 80 DC current gain hFE2 VCE = 5.0 V, IC = 1.0 A Note 20 80 DC current gain hFE3 VCE = 5.0 V, IC = 3.0 A Note 10 Collector saturation voltage VCE(sat) IC = 3.0 A, IB = 0.6 A Note 1.0 V Base saturation voltage VBE(sat) IC = 3.0 A, IB = 0.6 A Note 1.2 V Turn-on time ton 1.0 µs Storage time tstg 2.5 µs Fall time tf IC = 3.0 A, RL = 50 Ω, IB1 = −IB2 = 0.6 A, VCC ≅ 150 V Refer to the test circuit. 1.0 µs Note Pulse test PW ≤ 350 µs, duty cycle ≤ 2% hFE CLASSIFICATION Marking M L K hFE2 20 to 40 30 to 60 40 to 80 SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT Base current waveform Collector current waveform |
Similar Part No. - 2SC2335_15 |
|
Similar Description - 2SC2335_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |