Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK496RH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK496RH
Description  Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK496RH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK496RH_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK496RH_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK496RH_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK496RH_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK496RH_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK496RH_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK496RH_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Manufactured using
RH6105 Dice
Radiation Hardened to 100 Krad(Si) (Method 1019.7 Condition A)
Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
Neutron Tested to 5X10 n/cm² (Method 1017.2)
Very Wide Input Common Mode Range
Extends 44V Above V- (Independent of V+)
Extends -0.3V Below V-
Wide Power Supply Range: 2.85V to 36V
Input Offset Voltage: 400μV Maximum
Gain Accuracy: 1% Max
Gain Configurable with External Resistors
Operating Current: 195μA typ. per Amp
Slew Rate: 2V/μs
Sense Input Current When Powered Down: <1μA
Full-Scale Output Current: 1mA Minimum
Non-Rad Hard EDU's Available
M.S.KENNEDY CORP.
FEATURES:
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
496RH
RAD HARD QUAD PRECISION
RAIL TO RAIL
CURRENT SENSE AMP
MIL-PRF-38534 & 38535 CERTIFIED FACILITY
1
1
2
3
4
5
6
7
8
DESCRIPTION:
EQUIVALENT SCHEMATIC
The MSK496RH is a radiation hardened quad precision micropower current sense amplifier with a very wide input common
mode range. With Over-the-Top® Technology, the MSK496RH is capable of sensing in high side or low side applications.This
combined with external gain setting, and common mode and power supply rejection in excess of 100dB, make the MSK496RH
well suited for a variety of current sensing applications. The MSK496RH is hermetically sealed in a 16 pin flat pack, and is available
with straight or gull wing lead form.
High Side or Low Side Current Sensing
Current Monitoring on Positive or Negative Supply Voltages
Battery Monitoring
Fuse/MOSFET Monitoring
Power Management
16
15
14
13
12
11
10
9
VOUT 1
+IN 1
-IN 1
V-
VOUT 2
CASE
+IN 2
-IN 2
-IN 4
+IN 4
CASE
VOUT 4
V+
-IN 3
+IN 3
VOUT 3
8548-89 Rev. I 10/14
11


Similar Part No. - MSK496RH_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK496RH ANAREN-MSK496RH Datasheet
589Kb / 7P
   RAD HARD QUAD PRECISION RAIL TO RAIL CURRENT SENSE AMP
More results

Similar Description - MSK496RH_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK196RH MSK-MSK196RH_15 Datasheet
581Kb / 7P
   Low Dose Rate Hardened to 50 Krad(Si) (Method 1019.7 Condition D)
MSK4231RH MSK-MSK4231RH_15 Datasheet
752Kb / 8P
   Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK0041RH MSK-MSK0041RH_15 Datasheet
209Kb / 6P
   Total Dose Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
MSK4204RH MSK-MSK4204RH_15 Datasheet
368Kb / 6P
   Total Dose Hardened To TBD Krad(Si) (Method 1019.8 Condition A)
MSK198RHL MSK-MSK198RHL_15 Datasheet
952Kb / 7P
   Total Dose Tested to 100 Krads(Si) (Method 1019.7 Condition A)
MSK0002RH MSK-MSK0002RH_15 Datasheet
305Kb / 5P
   Radiation Hardened to 100 Krads(Si) (Method 1019.7 Condition A)
logo
International Rectifier
GSELD-IRUH3301 IRF-GSELD-IRUH3301 Datasheet
74Kb / 18P
   Enhanced Low Dose Rate Sensitivity
OMR9807SC IRF-OMR9807SC Datasheet
146Kb / 5P
   200 Krad(Si) Ultra Low Dropout Linear Regulator Hermetic Package
logo
National Semiconductor ...
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
logo
International Rectifier
GSIONLDIRUH33P253B1M IRF-GSIONLDIRUH33P253B1M Datasheet
306Kb / 10P
   Low Dose Test Report
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com