Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK541 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK541
Description  High Output Current - 10 Amps Peak
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK541 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK541_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK541_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MECHANICAL SPECIFICATIONS
MSK145
POWER SIP PACKAGE
MSK146
POWER Z-TAB PACKAGE
POWER DIP PACKAGE
MSK147
ALL DIMENSIONS ARE SPECIFIED IN INCHES
ESD TRIANGLE INDICATES PIN 1
WEIGHT=14.2 GRAMS TYPICAL
WEIGHT=5.9 GRAMS TYPICAL
WEIGHT=6.5 GRAMS TYPICAL
CASE=ISOLATED
CASE=ISOLATED
CASE=ISOLATED
8548-29 Rev. L 6/14


Similar Part No. - MSK541_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK541B MSK-MSK541B Datasheet
482Kb / 7P
   HIGH POWER OP-AMP
logo
Anaren Microwave
MSK541B ANAREN-MSK541B Datasheet
246Kb / 8P
   HIGH POWER OP-AMP
More results

Similar Description - MSK541_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
   High Output Current - 10 Amps Peak
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Shanghai Leiditech Elec...
FZT955 LEIDITECH-FZT955 Datasheet
1Mb / 3P
   4 Amps continuous current (10 Amps peak current)
logo
SynQor Worldwide Headqu...
MQHE-28E-P SYNQOR-MQHE-28E-P Datasheet
7Mb / 17P
   10 amps output current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com