Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK604 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK604
Description  Negative Going Output Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK604 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK604_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK604_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK604_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK604_15 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M.S.KENNEDY CORP.
(315) 701-6751
604
+VHV
+VSC
OUTPUT
CASE/GROUND
-VSC
-VHV
1
2
3
4
5
6
12
11
10
9
8
7
COMP
+VCC
GROUND
-VCC
-INPUT
NO CONNECTION
Wideband High Voltage Amplifier
High Resolution CRT Monitor Grid Drive
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
The MSK 604(B) is a high voltage wideband amplifier designed to provide large negative voltage swings at high
slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 604 provides excellent
D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers
that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The
MSK 604 achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier;
however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains
of -5V/V or greater keeps the MSK 604 stable in this range.
The MSK 604 is packaged in a space efficient,
hermetically sealed, 12 pin power dual in line package that has a high thermal conductivity for efficient device
cooling.
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
4707 Dey Road Liverpool, N.Y. 13088
FEATURES:
Negative Going Output Voltage
Ultra Low Quiescent Current - ±10mA for High Voltage
95V Peak to Peak Output Voltage Swing
Slew Rate - 3000V/µS Typical
Full Power Output Frequency - 2 MHz Typical
Output Current - 250mA Peak
Adjustable - VHV Power Supply Minimizes Power Dissipation
Compact Package Offers Superior Power Dissipation.
NEGATIVE OUTPUT
WIDE BANDWIDTH
HIGH VOLTAGE AMPLIFIER
Rev. B 8/00
1


Similar Part No. - MSK604_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK604B MSK-MSK604B Datasheet
148Kb / 6P
   NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results

Similar Description - MSK604_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6111FV ROHM-BD6111FV Datasheet
93Kb / 3P
   Variable output, negative voltage IC
logo
New Japan Radio
NJM2829 NJRC-NJM2829 Datasheet
221Kb / 9P
   Very Low Output Negative Voltage Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59_13 Datasheet
336Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
11/29/12 2001-2012
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
List of Unclassifed Man...
PJ7900 ETC-PJ7900 Datasheet
354Kb / 9P
   3-Terminal Negative Output Voltage Regulators
logo
Torex Semiconductor
XC9307 TOREX-XC9307 Datasheet
846Kb / 22P
   Negative Output Voltage DC/DC Converters
logo
First Components Intern...
LM7900 FCI-LM7900 Datasheet
551Kb / 7P
   3-Terminal Negative Output Voltage Regulators
logo
Microchip Technology
TC595002ECBTR MICROCHIP-TC595002ECBTR Datasheet
555Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
05/01/02
logo
HuaXinAn Electronics CO...
AP1156ADSXX HUAXINAN-AP1156ADSXX Datasheet
792Kb / 24P
   Negative Input / Output Voltage LDO Regulator
logo
Microchip Technology
TC59 MICROCHIP-TC59 Datasheet
570Kb / 20P
   Low Dropout, Negative Output Voltage Regulator
2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com