Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDV287E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDV287E
Description  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV287E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDV287E Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2000. 3. 24
1/1
SEMICONDUCTOR
TECHNICAL DATA
KDV287E
Revision No : 0
UHF SHF TUNING.
FEATURES
High Capacitance Ratio : C2V/C25V=7.6(Typ.)
Low Series Resistance : rS=1.9 (Typ.)
Excellent C-V Characteristics, and Small Tracking Error.
Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Type Name
Marking
P
U
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Peak Reverse Voltage
VRM
35(RL=10k )
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1 A
30
-
-
V
Reverse Current
IR
VR=28V
-
-
10
nA
Capacitance
C2V
VR=2V, f=1MHz
4.2
-
5.7
pF
Capacitance
C25V
VR=25V, f=1MHz
0.53
-
0.68
pF
Capacitance Ratio
C2V/C25V
7.3
-
-
-
Series Resistance
rS
VR=5V, f=470MHz
-
1.9
2.3
Note : Available in matched group for capacitance to 6%.
C(Max.)-C(Min.)
C(Min.)
0.06
(VR=2~25V)


Similar Part No. - KDV287E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV287 KEC-KDV287 Datasheet
64Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
logo
Guangdong Kexin Industr...
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
   Silicon Epitaxial Planar Diode
More results

Similar Description - KDV287E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV287 KEC-KDV287 Datasheet
64Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
logo
Toshiba Semiconductor
1SV287 TOSHIBA-1SV287 Datasheet
77Kb / 1P
   VARIABLE CAPACITANCE DIODE (UHF SHF TUNING)
1SV291 TOSHIBA-1SV291 Datasheet
77Kb / 1P
   VARIABLE CAPACITANCE DIODE (UHF SHF TUNING)
1SV245 TOSHIBA-1SV245 Datasheet
118Kb / 2P
   VARIABLE CAPACITANCE DIODE (UHF SHF TUNING)
logo
KEC(Korea Electronics)
KDV269E KEC-KDV269E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262 KEC-KDV262 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV269 KEC-KDV269 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV310E KEC-KDV310E Datasheet
388Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV Tuning
KDV214 KEC-KDV214 Datasheet
358Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
KDV262E KEC-KDV262E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com