Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30500A Datasheet(PDF) 2 Page - NEC

Part # UPD30500A
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500A Datasheet(HTML) 2 Page - NEC

  UPD30500A Datasheet HTML 1Page - NEC UPD30500A Datasheet HTML 2Page - NEC UPD30500A Datasheet HTML 3Page - NEC UPD30500A Datasheet HTML 4Page - NEC UPD30500A Datasheet HTML 5Page - NEC UPD30500A Datasheet HTML 6Page - NEC UPD30500A Datasheet HTML 7Page - NEC UPD30500A Datasheet HTML 8Page - NEC UPD30500A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
µPD30500, 30500A, 30500B
2
Data Sheet U12031EJ4V0DS00
APPLICATIONS
High-performance embedded systems
Multimedia systems
Entry-class computers
Image processing systems
ORDERING INFORMATION
Part number
Package
Maximum operating frequency (MHz)
µPD30500RJ-150
223-pin ceramic PGA (48
× 48)
150
µPD30500RJ-180
223-pin ceramic PGA (48
× 48)
180
µPD30500RJ-200
223-pin ceramic PGA (48
× 48)
200
µPD30500S2-150
272-pin plastic BGA (C/D advanced type) (29
× 29)
150
µPD30500S2-180
272-pin plastic BGA (C/D advanced type) (29
× 29)
180
µPD30500S2-200
272-pin plastic BGA (C/D advanced type) (29
× 29)
200
µPD30500AS2-250
272-pin plastic BGA (C/D advanced type) (29
× 29)
250
µPD30500BS2-300Note
272-pin plastic BGA (C/D advanced type) (29
× 29)
300
Note
Under development
MAIN DIFFERENCES BETWEEN VR5000, VR5000A, AND VR5000B
Parameter
VR5000
VR5000A
VR5000BNote 1
Maximum internal operating frequency
150/180/200 MHz
250 MHz
300 MHz
Internal multiplication ratio for clock
2, 3, 4, 5, 6, 7, 8
2, 2.5Note 2, 3, 4, 5, 6, 7, 8
interface input
Supply voltage
3.3 V
±5%
Core: 2.5 V
±5%
Core: 1.8 V
±0.1 V
I/O: 3.3 V
±5%
I/O: 3.3 V
±5%
Package
• 223-pin ceramic PGA
• 272-pin plastic BGA (C/D advanced type)
• 272-pin plastic BGA
(C/D advanced type)
Notes 1. Under development
2. Selectable only when SysClock = 100 MHz


Similar Part No. - UPD30500A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-300-NN1 NEC-UPD30550F2-300-NN1 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-400-NN1 NEC-UPD30550F2-400-NN1 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
More results

Similar Description - UPD30500A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com