Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4351 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4351
Description  Ultra Low Thermal Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4351 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4351_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4351_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4351_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4351_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4351_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4351_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4351_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Group A
Subgroup
5
1
2
3
1
2
3
-
-
-
1
2
3
1
2
3
-
1,2,3
1,2,3
4
4
4
4
4
4
4
4
1
2,3
1
2
3
Typ.
1.95
-
-
1.4
-
-
-
-
-
25
-
-
230
-
-
15.00
-
-
6.0
1.1
50
80
2.3
3.1
50
66
±3.0
-
3
-
-
1
2
3
4
5
6
7
8
9
Max.
2.6
-
-
1.9
-
-
4.5
2.5
180
150
-
-
330
-
-
15.25
-
0.8
6.3
1.3
60
90
2.7
3.4
70
75
±6.0
-
3.1
-
-
Max.
2.5
2.4
2.75
1.8
1.5
2.2
4.1
2.3
180
150
2.5
150
300
250
300
15.25
-
0.8
6.2
1.2
60
90
2.7
3.4
70
75
±5.0
±8.0
3.09
3.14
3.10
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
14.75
3.65
-
-
-
-
-
-
-
-
-
-
-
2.9
-
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
14.75
3.65
-
-
-
-
-
-
-
-
-
-
-
2.91
2.95
2.92
IC=45A
ID=45A
Vt=270V, 45Amps @125°C
L=100μH, R=0.2Ω
Ω
Ω
Ω
Ω
ID=45A, di/dt=400A/uS, Vr=350V
V+=500V
V+=400V
V+=500V
VCC=15V
V+=270V, IC=45A
V+=270V, IC=45A
TC=25°C
TMIN≤≤≤≤≤TC≤≤≤≤≤TMAX
@2 Amps
OUTPUT CHARACTERISTICS
VC-E On Voltage (Each IGBT)
Instantaneous Forward Voltage
(FRED Flyback Diode)
Turn On Switching Energy
Turn Off Switching Energy
Reverse Recovery Time
Leakage Current (Each IGBT/Diode)
BIAS SUPPLY CHARACTERISTICS
Quiescent Bias Current
Supply Voltage
INPUT SIGNALS CHARACTERISTICS
Positive Trigger Threshold Voltage
Negative Trigger Threshold Voltage
SWITCHING CHARACTERISTICS
Upper Drive: Deadtime R/C=10K/47pF
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
Lower Drive: Deadtime R/C=10K/47pF
Turn-On Propagation Delay
Turn-Off Propagation Delay
Turn-On
Turn-Off
TEMPERATURE SENSOR
Initial Accuracy
Overall Accuracy
SENSE RESISTOR
Resistance
Storage Temperature Range
Lead Temperature Range(10 Seconds)
Case Operating Temperature
MSK4351
MSK4351H
Junction Temperature
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
All Ratings: Tc = +25°C Unless Otherwise Specified
High Voltage Supply
Logic Supply
Continuous Output Current
Peak Output Current (1 pulse, 10μSec)
Thermal Resistance
(IGBT - Junction to Case)
Thermal Resistance
(Diode - Junction to Case)
V+
TST
Parameters
MSK4351
2
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
500V
18V
50A
100A
0.38°C/W
Test Conditions
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4 TA=TC=+25°C
2,5 TA=TC=+125°C
3,6 TA=TC=-55°C
Measurements are made by forcing current through one pin and measuring on the other for determining thermal dissipation on
the IGBT/diode. When measuring on the pins very close to the package, add approximately 0.3V to the limits to account for
pin resistance.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
When applying power to the device, apply the low voltage followed by the high voltage or alternatively, apply both at the same time.
Do not apply high voltage without low voltage present.
Internal solder reflow temperature is 180°C, do not exceed.
IOUT
IPK
θJC
TC
Typ.
1.95
2.0
2.3
1.4
1.3
1.7
-
-
-
25
1.6
15
230
170
230
15.00
-
-
6.0
1.1
50
80
2.3
3.1
50
66
±2.0
±5.0
3.0
3.05
3.01
UNITS
V
V
V
V
V
V
mJ
mJ
nS
uA
mA
uA
mA
mA
mA
V
V
V
μS
μS
nS
nS
μS
μS
nS
nS
°C
°C
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
2
1
1
1
1
1
+15V
TLD
TJ
3
0.45°C/W
1
6
6
NOTES:
7
8
MSK4351H
9
1
1
8548-75 Rev. R 6/14


Similar Part No. - MSK4351_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4351-1 ANAREN-MSK4351-1 Datasheet
891Kb / 7P
   50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351-1HD ANAREN-MSK4351-1HD Datasheet
891Kb / 7P
   50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351-1HS ANAREN-MSK4351-1HS Datasheet
891Kb / 7P
   50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351-1HU ANAREN-MSK4351-1HU Datasheet
891Kb / 7P
   50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
More results

Similar Description - MSK4351_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4357 MSK-MSK4357_15 Datasheet
207Kb / 6P
   Ultra Low Thermal Resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com