Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4401 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4401
Description  29 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4401 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4401_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4401_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4401_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4401_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4401_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICLAL APPLICATION SCHEMATIC
TYPICLAL PERFORMANCE CURVES
4
Rev. H 1/11


Similar Part No. - MSK4401_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4401D MSK-MSK4401D Datasheet
244Kb / 5P
   29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401D ANAREN-MSK4401D Datasheet
133Kb / 5P
   29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
M.S. Kennedy Corporatio...
MSK4401G MSK-MSK4401G Datasheet
244Kb / 5P
   29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401G ANAREN-MSK4401G Datasheet
133Kb / 5P
   29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
M.S. Kennedy Corporatio...
MSK4401S MSK-MSK4401S Datasheet
244Kb / 5P
   29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
More results

Similar Description - MSK4401_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4400 MSK-MSK4400_15 Datasheet
117Kb / 5P
   10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
MSK4300 MSK-MSK4300_15 Datasheet
131Kb / 5P
   10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
MSK4364 MSK-MSK4364_15 Datasheet
193Kb / 7P
   5 Amp Output Switch Capability
MSK4460 MSK-MSK4460_15 Datasheet
138Kb / 7P
   10 Amp Output Switch Capability
logo
ATMEL Corporation
AT17F32 ATMEL-AT17F32_14 Datasheet
253Kb / 14P
   3.3V Output Capability
logo
STMicroelectronics
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
   STLD41 output power capability
logo
Maxim Integrated Produc...
MAX30102 MAXIM-MAX30102 Datasheet
938Kb / 34P
   Fast Data Output Capability
Rev 0; 9/15
logo
Microchip Technology
MIC24052 MICROCHIP-MIC24052 Datasheet
1Mb / 34P
   6A Output Current Capability
11/07/16
logo
Analog Devices
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
logo
Bourns Electronic Solut...
S32A-5SDAC-RA BOURNS-S32A-5SDAC-RA Datasheet
158Kb / 2P
   32-amp Output Current Nonisolated Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com