Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4803 Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK4803
Description  600A Continuous Output Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4803 Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK4803_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4803_15 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MECHANICAL SPECIFICATIONS
6
WEIGHT = 250 GRAMS MAX.
ALL DIMENSIONS ARE SPECIFIED IN INCHES
8548-121 Rev. C 9/14


Similar Part No. - MSK4803_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4803H ANAREN-MSK4803H Datasheet
537Kb / 8P
   600V / 600A HALF BRIDGE PEM
More results

Similar Description - MSK4803_15

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
SS0335WFN-042-1 PACELEADER-SS0335WFN-042-1 Datasheet
586Kb / 8P
   Continuous Forward Current
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
   Continuous Forward Current
logo
Cynergy3 Co
SSF67V CYNERGY3-SSF67V Datasheet
1Mb / 1P
   continuous output level transducer
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com