Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1033 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1033
Description  3A Negative Adjustable Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1033 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1033_15 Datasheet HTML 4Page - Linear Technology LT1033_15 Datasheet HTML 5Page - Linear Technology LT1033_15 Datasheet HTML 6Page - Linear Technology LT1033_15 Datasheet HTML 7Page - Linear Technology LT1033_15 Datasheet HTML 8Page - Linear Technology LT1033_15 Datasheet HTML 9Page - Linear Technology LT1033_15 Datasheet HTML 10Page - Linear Technology LT1033_15 Datasheet HTML 11Page - Linear Technology LT1033_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1033
1033fc
PACKAGE DESCRIPTION
0.100
(2.540)
BSC
0.028 – 0.038
(0.711 – 0.965)
T3 (TO-220) 1098
0.045 – 0.055
(1.143 – 1.397)
0.165 – 0.180
(4.191 – 4.572)
0.095 – 0.115
(2.413 – 2.921)
0.013 – 0.023
(0.330 – 0.584)
0.520 – 0.570
(13.208 – 14.478)
0.980 – 1.070
(24.892 – 27.178)
0.218 – 0.252
(5.537 – 6.401)
0.050
(1.270)
TYP
0.147 – 0.155
(3.734 – 3.937)
DIA
0.390 – 0.415
(9.906 – 10.541)
0.330 – 0.370
(8.382 – 9.398)
0.460 – 0.500
(11.684 – 12.700)
0.570 – 0.620
(14.478 – 15.748)
0.230 – 0.270
(5.842 – 6.858)
T Package
3-Lead Plastic TO-220
(Reference LTC DWG # 05-08-1420)


Similar Part No. - LT1033_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1033C LINER-LT1033C Datasheet
496Kb / 8P
   3A. Negative Adjustable Regulator
LT1033CK LINER-LT1033CK Datasheet
496Kb / 8P
   3A. Negative Adjustable Regulator
LT1033CK LINER-LT1033CK Datasheet
193Kb / 12P
   3A Negative Adjustable Regulator
LT1033CP LINER-LT1033CP Datasheet
193Kb / 12P
   3A Negative Adjustable Regulator
LT1033CT LINER-LT1033CT Datasheet
193Kb / 12P
   3A Negative Adjustable Regulator
More results

Similar Description - LT1033_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1033 LINER-LT1033_02 Datasheet
193Kb / 12P
   3A Negative Adjustable Regulator
LT1033 LINER-LT1033 Datasheet
496Kb / 8P
   3A. Negative Adjustable Regulator
LT137A LINER-LT137A Datasheet
795Kb / 8P
   Negative Adjustable Regulator
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137 Datasheet
163Kb / 4P
   Negative Adjustable Regulator
LM337 LINER-LM337_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT137A LINER-LT137A_1 Datasheet
167Kb / 12P
   Negative Adjustable Regulator
RH137 LINER-RH137_15 Datasheet
93Kb / 2P
   Negative Adjustable Regulator
LT137A LINER-LT137A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
LT337A LINER-LT337A_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com