Electronic Components Datasheet Search |
|
LT1039 Datasheet(PDF) 7 Page - Linear Technology |
|
LT1039 Datasheet(HTML) 7 Page - Linear Technology |
7 / 12 page 7 LT1039/LT1039-16 1039fd APPLICATIONS INFORMATION When driving CMOS logic from a receiver that will be used in the shutdown mode and there is no other active receiver on the line, a 51k resistor can be placed from the logic input to VCC to force a definite logic level when the receiver output is in a high impedance state. Keeping Alive One Receiver While in Shutdown LT1039 25k LOGIC SHUTDOWN INPUT 2 3 16 17 BIAS RS232 INPUT ON/OFF LOGIC OUTPUT 1039 AI09 RS232 Compatible Shutdown Control Line LT1039 25k 2 316 17 BIAS RS232 SHUTDOWN INPUT ON/OFF 1039A AI10 Driving CMOS Logic from a Receiver LT1039 RECEIVER RS232 INPUT ON/OFF INPUT LOGIC OUTPUT *FORCES LOGIC INPUT STATE WHEN VON/OFF IS LOW 51k* VCC 1039A AI06 CMOS LOGIC To protect against receiver input overloads in excess of ±30V, a voltage clamp can be placed on the data line and still maintain RS232 compatibility. Input Overvoltage Protection RS232 INPUT LOGIC OUTPUT RECEIVER 1039 AI07 30k 1k 30V 30V 5.6k Driver inputs should not be allowed to float. Any unused inputs should be tied to VCC. The BIAS pin is used to “keep alive” one receiver while in the shutdown mode (all other circuitry being inactive). This allows a system to be in shutdown and still have one active receiver for transferring data. It can also be used to make an RS232 compatible shut- down control line. Driving the BIAS pin low through a resistance of 24k to 30k keeps the receiver active. Do not drive the BIAS pin directly from a logic output without the series resistor. An unused BIAS pin should be left open. The receiver input impedance of the LT1039 is nominally 30k Ω. For applications requiring a 5kΩ input impedance, a 5.6k resistor can be connected from the receiver input to ground. 5k Ω Impedance Matching 1039 AI08 RS232 INPUT LOGIC OUTPUT RECEIVER 30k 5.6k |
Similar Part No. - LT1039 |
|
Similar Description - LT1039 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |