Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039-16 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1039-16
Description  RS232 Driver/Receiver with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039-16 Datasheet(HTML) 3 Page - Linear Technology

  LT1039-16 Datasheet HTML 1Page - Linear Technology LT1039-16 Datasheet HTML 2Page - Linear Technology LT1039-16 Datasheet HTML 3Page - Linear Technology LT1039-16 Datasheet HTML 4Page - Linear Technology LT1039-16 Datasheet HTML 5Page - Linear Technology LT1039-16 Datasheet HTML 6Page - Linear Technology LT1039-16 Datasheet HTML 7Page - Linear Technology LT1039-16 Datasheet HTML 8Page - Linear Technology LT1039-16 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1039/LT1039-16
1039fd
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Receiver VCC = 5V, VON/OFF = 2.5V (Note 2)
Input Voltage Thresholds
Input Low Level (VOUT = High)
q
0.5
1.3
V
Input High Level (VOUT = Low)
q
1.7
2.8
V
Hysteresis
q
0.1
0.4
1.0
V
Input Resistance
q
30
k
Output Voltage
Output Low, IOUT = – 1.6mA
q
0.4
0.5
V
Output High, IOUT = 160µA
q
3.5
4.8
V
Output Short-Circuit Current
Sourcing Current, VOUT = 0V (Note 5)
q
0.5
1
mA
Sinking Current, VOUT = VCC
q
–10
mA
Output Leakage Current
Shutdown (Note 2), 0V
≤ VOUT ≤ VCC, VIN = 0V
q
110
µA
Supply Current
q
47
mA
Supply Leakage Current
Shutdown (Note 3)
q
1 (25
°C)
100
µA
ON/OFF Pin Current
0V
≤ VON/OFF ≤ 5V
q
–15
80
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device by be impaired.
Note 2: VON/OFF = 5V for LT1039M grade devices.
Note 3: VON/OFF = 0.4V for – 55°C ≤ TA ≤ 100°C and VON/OFF = 0.2V for
100
°C ≤ TA ≤ 125°C. Does not apply to LT1039-16 part.
Note 4: For TA ≥ 100°C, leakage current is 350µA max.
Note 5: For TA ≤ –25°C, output source current is 0.4mA.
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Output Short-Circuit Current
ON/OFF Pin Thresholds
Receiver Input Thresholds
TEMPERATURE (
°C)
–55
0
5
15
20
25
50
35
0
50
75
1039 G01
10
40
45
30
–25
25
100
125
SINKING
SOURCING
TEMPERATURE (
°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
1039 G02
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
TEMPERATURE (
°C)
–55
0
0.5
1.5
2.0
2.5
5.0
3.5
0
50
75
1039 G03
1.0
4.0
4.5
3.0
–25
25
100
125
MINIMUM ON VOLTAGE
MINIMUM OFF VOLTAGE
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.


Similar Part No. - LT1039-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039-16 LINER-LT1039-16 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
More results

Similar Description - LT1039-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com