Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039-16 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1039-16
Description  RS232 Driver/Receiver with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039-16 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1039-16 Datasheet HTML 2Page - Linear Technology LT1039-16 Datasheet HTML 3Page - Linear Technology LT1039-16 Datasheet HTML 4Page - Linear Technology LT1039-16 Datasheet HTML 5Page - Linear Technology LT1039-16 Datasheet HTML 6Page - Linear Technology LT1039-16 Datasheet HTML 7Page - Linear Technology LT1039-16 Datasheet HTML 8Page - Linear Technology LT1039-16 Datasheet HTML 9Page - Linear Technology LT1039-16 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1039/LT1039-16
1039fd
APPLICATIONS INFORMATION
The driver output stage of the LT1039 offers significantly
improved protection over older bipolar and CMOS de-
signs. In addition to current limiting, the driver output
can be externally forced to
±30V with no damage or
excessive current flow, and will not disrupt the supplies.
LT1039 Driver
Some drivers have diodes connected between the out-
puts and the supplies, so externally applied voltages can
cause excessive supply voltage to develop
LT1039 #1
DRIVER
LT1039 #2
DRIVER
LOGIC
INPUT A
LOGIC
INPUT B
1039 AI03
ON/OFF
(CHANNEL SELECT)
INPUT
LOGIC
INVERTER
RS232
TRANSMISSION
LINE
Sharing a Receiver Line
WITH SOME DRIVERS,
EXTERNALLY APPLIED
VOLTAGE CAN FORCE
THE SUPPLIES
1039 AI02
V +
V
Older RS232 Drivers and Other CMOS Drivers
Sharing a Transmitter Line
Placing the LT1039 in the shutdown mode (Pin 17 low)
puts both the driver and receiver outputs in a high imped-
ance state. This allows data line sharing and transceiver
applications.
–30V
30V
OUTPUT CAN
BE FORCED
EXTERNALLY
1039 AI01
LT1039
Transceiver
LT1039 #1
RECEIVER
RS232
INPUT A
RS232
INPUT B
1039 AI04
ON/OFF
(CHANNEL SELECT)
INPUT
LOGIC
INVERTER
LOGIC
OUTPUT
LT1039 #2
RECEIVER
LT1039 #1
DRIVER
LOGIC
TRANSMIT/RECEIVE
LINE
RS232
TRANSMIT/RECEIVE
LINE
1039 AI05
ON/OFF
(TRANSMIT/RECEIVE)
INPUT
LOGIC
INVERTER
LT1039 #2
RECEIVER
The shutdown mode also drops all supply currents (VCC,
V +, V ) to zero for power conscious systems.


Similar Part No. - LT1039-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039-16 LINER-LT1039-16 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
More results

Similar Description - LT1039-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com