Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039A Datasheet(PDF) 8 Page - Linear Technology

Part # LT1039A
Description  Triple RS232 Driver/Receiver with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039A Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1039A Datasheet HTML 4Page - Linear Technology LT1039A Datasheet HTML 5Page - Linear Technology LT1039A Datasheet HTML 6Page - Linear Technology LT1039A Datasheet HTML 7Page - Linear Technology LT1039A Datasheet HTML 8Page - Linear Technology LT1039A Datasheet HTML 9Page - Linear Technology LT1039A Datasheet HTML 10Page - Linear Technology LT1039A Datasheet HTML 11Page - Linear Technology LT1039A Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT1039A/LT1039A-16
8
1039afb
For more information www.linear.com/1039
package DescripTion
OBSOLETE PACKAGE
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
J18 0801
.015 – .060
(0.380 – 1.520)
.100
(2.54)
BSC
.014 – .026
(0.360 – 0.660)
.045 – .065
(1.143 – 1.651)
.200
(5.080)
MAX
.125
(3.175)
MIN
.008 – .018
(0.203 – 0.457)
0° – 15°
1
2
3
4
5
6
7
8
.220 – .310
(5.590 – 7.870)
.960
(24.384)
MAX
.005
(0.127)
MIN
16
13
9
10
11
12
14
15
17
18
.025
(0.635)
RAD TYP
.300 BSC
(7.62 BSC)
.045 – .065
(1.143 – 1.650)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
J Package
18-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)


Similar Part No. - LT1039A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com