Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1097 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1097 Datasheet HTML 3Page - Linear Technology LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology LT1097 Datasheet HTML 10Page - Linear Technology LT1097 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1097
CAPACITIVE LOAD (pF)
10
70
60
50
40
30
20
10
0
100
1000
10,000
1097 G19
TA = 25°C
VS = ±15V
CS: PIN 5 TO GROUND
AV = 1
CS = 0
AV = 1
CS = 200pF
AV = 10
CS = 0
AV = 1, CLOAD = 100pF, 5µs/DIV
1097 G17
AV = 1, 20µs/DIV
1097 G18
Small Signal Transient Response
Large Signal Transient Response
Capacitive Load Handling
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT1097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1097CN8 LINER-LT1097CN8 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097S8 LINER-LT1097S8 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
More results

Similar Description - LT1097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com