Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1097 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1097
Description  Low Cost, Low Power Precision Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1097 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1097 Datasheet HTML 4Page - Linear Technology LT1097 Datasheet HTML 5Page - Linear Technology LT1097 Datasheet HTML 6Page - Linear Technology LT1097 Datasheet HTML 7Page - Linear Technology LT1097 Datasheet HTML 8Page - Linear Technology LT1097 Datasheet HTML 9Page - Linear Technology LT1097 Datasheet HTML 10Page - Linear Technology LT1097 Datasheet HTML 11Page - Linear Technology LT1097 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1097
APPLICATIONS INFORMATION
OUT
LT1097•F03
5
0.01
µF
3
IN
2
6
50pF
10k
5k
+
LT1097
15V
–15V
VO
VO = 1000VOS
*RESISTORS MUST HAVE LOW
THERMOELECTRIC POTENTIAL
LT1097•F04
4
3
2
7
6
50k*
100
Ω*
50k*
+
LT1097
Pulse Response of Feedforward
Compensation
Test Circuit for Offset Voltage and
its Drift with Temperature
Follower Feedforward
Compensation
5
µs/DIV
1097 G20
The availability of the compensation terminal permits the use
of feedforward frequency compensation to enhance slew
rate. The voltage follower feedforward scheme bypasses the
amplifier’s gain stages and slews at nearly 10V/
µs.
The inputs of the LT1097 are protected with back-to-back
diodes. In the voltage follower configuration, when the
input is driven by a fast, large signal pulse (>1V), the input
protection diodes effectively short the output to the input
during slewing, and a current, limited only by the output
short circuit protection will flow through the diodes.
The use of a feedback resistor, as shown in the voltage
follower feedforward diagram, is recommended because
this resistor keeps the current below the short circuit limit,
resulting in faster recovery and settling of the output.
–5V
OUT
2N3904
620k
LT1097•TA02
4
3
2
1
7
5V
6
1k
330k
100k
10k
10k
–IN
+IN
+
LT1097
100k
Low Power Comparator with <10
µV Hysteresis
TYPICAL APPLICATIO


Similar Part No. - LT1097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1097CN8 LINER-LT1097CN8 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097S8 LINER-LT1097S8 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
More results

Similar Description - LT1097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD818 AD-AD818_10 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com