Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD30500RJ-150 Datasheet(PDF) 11 Page - NEC

Part # UPD30500RJ-150
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500RJ-150 Datasheet(HTML) 11 Page - NEC

Back Button UPD30500RJ-150 Datasheet HTML 7Page - NEC UPD30500RJ-150 Datasheet HTML 8Page - NEC UPD30500RJ-150 Datasheet HTML 9Page - NEC UPD30500RJ-150 Datasheet HTML 10Page - NEC UPD30500RJ-150 Datasheet HTML 11Page - NEC UPD30500RJ-150 Datasheet HTML 12Page - NEC UPD30500RJ-150 Datasheet HTML 13Page - NEC UPD30500RJ-150 Datasheet HTML 14Page - NEC UPD30500RJ-150 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
µPD30500, 30500A, 30500B
11
Data Sheet U12031EJ4V0DS00
1. PIN FUNCTIONS
Pin Name
I/O
Function
SysAD (0:63)
I/O
System address/data bus.
64-bit bus for communication between processor, secondary cache and external agent.
SysADC (0:7)
I/O
System address/data check bus.
8-bit bus including check bits for the SysAD bus.
SysCmd (0:8)
I/O
System command/data ID bus.
9-bit bus for communication of commands and data identifiers between processor
and external agent.
SysCmdP
I/O
System command/data ID bus parity.
1-bit even number parity bit for the SysCmd bus.
ValidIn
Input
Valid in.
Signal indicating that external agent has transmitted valid address or data onto
SysAD bus and valid command or data identifier onto SysCmd bus.
ValidOut
Output
Valid out.
Signal indicating that processor has transmitted valid address or data onto SysAD
bus and valid command or data identifier onto SysCmd bus.
ExtRqst
Input
External request.
Signal used by external agent to request for its use by system interface.
Release
Output
Interface release.
Signal indicating that the processor has released the system interface to the slave state.
WrRdy
Output
Write ready.
Signal indicating that the external agent can accept a processor write request.
RdRdy
Input
Read ready.
Signal indicating that external agent can accept a processor read request.
ScCLR
Output
Secondary cache block clear.
Clears all the valid bits of the tag RAM.
ScCWE (0:1)
Output
Secondary cache write enable.
Write enable signal for the secondary cache RAM.
ScDCE (0:1)
Output
Data RAM chip select.
Chip select signal for secondary cache RAM.
ScDOE
Input
Data RAM output enable.
Data output enable signal from the external agent.
ScLine (0:15)
Output
Secondary cache line index.
Cache line index output of the secondary cache.
ScMatch
Input
Secondary cache tag match.
Tag match signal from secondary cache tag RAM.
ScTCE
Output
Secondary cache tag RAM chip select.
Chip select signal of the secondary cache tag RAM.
ScTDE
Output
Secondary cache tag RAM data enable.
Data enable signal from the secondary cache tag RAM.
ScTOE
Output
Secondary cache tag RAM output enable.
Output enable signal from the secondary cache tag RAM.
ScWord (0:1)
I/O
Secondary cache word index.
Signal indicating that the double word of the secondary cache index is correct.
ScValid
I/O
Secondary cache valid.
Signal indicating that the data of the secondary cache is valid.


Similar Part No. - UPD30500RJ-150

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-300-NN1 NEC-UPD30550F2-300-NN1 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-400-NN1 NEC-UPD30550F2-400-NN1 Datasheet
949Kb / 27P
   VR5500??64-/32-BIT MICROPROCESSOR
More results

Similar Description - UPD30500RJ-150

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com