Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4069 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4069
Description  This demonstration board is based on the STEF05 and STEF12 electronic fuses
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4069 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4069 Datasheet HTML 2Page - STMicroelectronics AN4069 Datasheet HTML 3Page - STMicroelectronics AN4069 Datasheet HTML 4Page - STMicroelectronics AN4069 Datasheet HTML 5Page - STMicroelectronics AN4069 Datasheet HTML 6Page - STMicroelectronics AN4069 Datasheet HTML 7Page - STMicroelectronics AN4069 Datasheet HTML 8Page - STMicroelectronics AN4069 Datasheet HTML 9Page - STMicroelectronics AN4069 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Board testing
AN4069
6/16
Doc ID 022926 Rev 1
3
Board testing
Once 5 V and 12 V are supplied to the Cn1 and Cn2 inputs, the board buffers the circuitry on
its output (Cn3, Cn5) with the same voltage shown at its input, with a small voltage fall due
to the internal N-channel MOSFET RDS(on).
Figure 4.
Demonstration board connections
5 V and 12 inputs
12 V output
5 V output
Gate of the optional
Reset MOSFET
STF05 enable/fault pin
STEF12 enable/fault pin
AM11047v1


Similar Part No. - AN4069

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4062 STMICROELECTRONICS-AN4062 Datasheet
517Kb / 17P
   STM32F0DISCOVERY peripheral firmware examples
AN4067 STMICROELECTRONICS-AN4067 Datasheet
517Kb / 27P
   Microcontrollers of STM32F0x1
AN4068 STMICROELECTRONICS-AN4068 Datasheet
5Mb / 63P
   ST7580 power line communication system-on-chip design guide
More results

Similar Description - AN4069

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP021V1 STMICROELECTRONICS-STEVAL-IFP021V1 Datasheet
181Kb / 4P
   5 V and 12 V power line protection based on STEF05 and STEF12 electronic fuses
January 2012 Rev 1
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
UM1477 STMICROELECTRONICS-UM1477 Datasheet
1,013Kb / 22P
   The STEVAL-IFN004V1 is a demonstration board based
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
   MEMS microphone demonstration board based on the MP34DT01 and STM32
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
   Front panel demonstration board based on the STLED325 and STM8S
STEVAL-MKI116V1 STMICROELECTRONICS-STEVAL-MKI116V1 Datasheet
360Kb / 5P
   MEMS microphone demonstration board based on the MP34DB01 and STM32
STEVAL-MKI117V2 STMICROELECTRONICS-STEVAL-MKI117V2 Datasheet
353Kb / 5P
   MEMS microphone demonstration board based on the MP45DT02 and STM32
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com