Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4106 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4106
Description  This document describes a 12 V-1 A power supply
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4106 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4106 Datasheet HTML 1Page - STMicroelectronics AN4106 Datasheet HTML 2Page - STMicroelectronics AN4106 Datasheet HTML 3Page - STMicroelectronics AN4106 Datasheet HTML 4Page - STMicroelectronics AN4106 Datasheet HTML 5Page - STMicroelectronics AN4106 Datasheet HTML 6Page - STMicroelectronics AN4106 Datasheet HTML 7Page - STMicroelectronics AN4106 Datasheet HTML 8Page - STMicroelectronics AN4106 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
List of figures
AN4106
4/39
Doc ID 023156 Rev 1
List of figures
Figure 1.
EVLVIP26L-12WFN demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Application schematic - complete . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Application schematic - simplified for VOUT ≥ 12 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Transformer size and pin diagram, bottom view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Transformer size, side view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Transformer, pin distances . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
Transformer, electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Drain current and voltage at VIN = 115 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Drain current and voltage at VIN = 230 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Drain current and voltage at VIN = 90 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Drain current and voltage at VIN = 265 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Line regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
Output voltage ripple at VIN = 115 VAC, full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Output voltage ripple at VIN = 230 VAC, full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Output voltage ripple at VIN =115 VAC, no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 17.
Output voltage ripple at VIN =230 VAC, no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 18.
Output voltage ripple at VIN =115 VAC, IOUT = 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 19.
Output voltage ripple at VIN =230 VAC, IOUT = 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 20.
Active mode efficiency vs. VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 21.
PIN vs. VIN at no load and light load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 22.
Efficiency at PIN = 1 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 23.
PIN at POUT = 0.25 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 24.
Soft-start at startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 25.
Soft-start at startup (zoom) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 26.
Output short-circuit applied: OLP tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 27.
Output short-circuit maintained: OLP steady-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 28.
Output short-circuit maintained: OLP steady-state, zoom . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 29.
Output short-circuit removal and converter restart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 30.
Feedback loop failure protection: tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 31.
Feedback loop failure protection: steady-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 32.
Feedback loop failure protection: steady-state, zoom . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 33.
Feedback loop failure removal: converter restart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 34.
Control loop block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 35.
Thermal map at TAMB = 25 ×C, VIN = 85 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 36.
Thermal map at TAMB = 25 ×C, VIN = 115 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 37.
Thermal map at TAMB = 25 ×C, VIN = 230 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 38.
Background noise measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 39.
Average measurement at VIN = 115 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 40.
Average measurement at VIN = 230 VAC, full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 41.
Bottom layer & top overlay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 42.
Connections of the UUT to the wattmeter for power measurements . . . . . . . . . . . . . . . . . 34
Figure 43.
Switch in position 1 - setting for standby measurements . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 44.
Switch in position 2 - setting for efficiency measurements . . . . . . . . . . . . . . . . . . . . . . . . . 35


Similar Part No. - AN4106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4101 STMICROELECTRONICS-AN4101 Datasheet
188Kb / 21P
   LIN communication with STM8A-DISCOVERY
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
   Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
AN4104 STMICROELECTRONICS-AN4104 Datasheet
96Kb / 13P
   Using the STM32F0xx DMA controller
logo
Fairchild Semiconductor
AN4105 FAIRCHILD-AN4105 Datasheet
368Kb / 22P
   Design Considerations for Switched Mode Power Supplies Using A Fairchild Power Switch (FPS) in a Flyback Converter
More results

Similar Description - AN4106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
   This document describes a 12 V-350 mA power supply
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
   This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
   This document describes a reference design
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
   This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
logo
FSP TECHNOLOGY INC.
FSP500-50ARN FSP-FSP500-50ARN_15 Datasheet
202Kb / 1P
   This specification describes a 400 watts power supply.
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
AN2432 STMICROELECTRONICS-AN2432 Datasheet
636Kb / 27P
   This document describes a 60W adapter application using
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
UM0501 STMICROELECTRONICS-UM0501 Datasheet
231Kb / 19P
   This document describes
AN2950 STMICROELECTRONICS-AN2950 Datasheet
1Mb / 37P
   This document describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com