Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4116 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4116
Description  This document describes a 12 V-350 mA power supply
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4116 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4116 Datasheet HTML 1Page - STMicroelectronics AN4116 Datasheet HTML 2Page - STMicroelectronics AN4116 Datasheet HTML 3Page - STMicroelectronics AN4116 Datasheet HTML 4Page - STMicroelectronics AN4116 Datasheet HTML 5Page - STMicroelectronics AN4116 Datasheet HTML 6Page - STMicroelectronics AN4116 Datasheet HTML 7Page - STMicroelectronics AN4116 Datasheet HTML 8Page - STMicroelectronics AN4116 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
List of figures
AN4116
4/38
Doc ID 023220 Rev 1
List of figures
Figure 1.
Demonstration board image . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
VDD waveforms IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
VDD waveforms IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
Transformer size and pin diagram pin distances . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 7.
Transformer side view 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Transformer side view 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Drain current/voltage @ 115 VAC max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Drain current/voltage @ 230 VAC max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Drain current/voltage @ 90 VAC max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Drain current/voltage @ 265 VAC max. load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13.
Line regulation at different loads; IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . 14
Figure 14.
Line regulation at different loads; IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . . . . 14
Figure 15.
Load regulation at different input voltages; IC externally biased (J1 selected). . . . . . . . . . 15
Figure 16.
Load regulation at different input voltages; IC self-biased (J1 not selected) . . . . . . . . . . . 15
Figure 17.
Output voltage ripple @ 115 VAC no load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 18.
Output voltage ripple @ 230 VAC no load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 19.
Output voltage ripple @ 115 VAC 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 20.
Output voltage ripple @ 230 VAC 25 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 21.
Active mode efficiency of the demonstration board
and comparison with energy efficiency standards (IC externally biased) . . . . . . . . . . . . . 17
Figure 22.
PIN vs. VIN at no load and light load; IC externally biased (J1 selected) . . . . . . . . . . . . . . 19
Figure 23.
PIN vs. VIN at no load and light load, IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . 19
Figure 24.
Efficiency @ PIN=1 W; IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 25.
Efficiency @ PIN=1 W; IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 26.
PIN @ POUT = 250 mW; IC externally biased (J1 selected) . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 27.
PIN @ POUT = 250 mW; IC self-biased (J1 not selected) . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 28.
Soft-start at startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 29.
Soft-start at startup (zoom) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 30.
Output short-circuit applied: OLP tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 31.
Output short-circuit maintained: OLP steady-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 32.
Output short-circuit maintained: OLP steady-state (zoom) . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 33.
Output short-circuit removal and converter restart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 34.
Feedback loop failure protection: tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 35.
Feedback loop failure protection: steady-state . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 36.
Feedback loop failure protection: steady-state, zoom . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 37.
Feedback loop failure protection: converter restart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 38.
Control loop block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 39.
Thermal map at VIN=85 VAC, TAMB=25 °C, full load; IC externally biased . . . . . . . . . . . . . 27
Figure 40.
Thermal map at VIN=85 VAC, TAMB=25 °C, full load; IC self-biased . . . . . . . . . . . . . . . . . . 27
Figure 41.
Thermal map at VIN=115 VAC, full load, TAMB=25 °C; IC externally biased. . . . . . . . . . . . 27
Figure 42.
Thermal map at VIN=115 VAC, full load, TAMB=25 °C; IC self-biased . . . . . . . . . . . . . . . . . 27
Figure 43.
Thermal map @ VIN=230 VAC, full load, TAMB=25 °C; IC externally biased. . . . . . . . . . . . 28
Figure 44.
Thermal map @ VIN=230 VAC, full load, TAMB=25 °C; IC self-biased . . . . . . . . . . . . . . . . 28
Figure 45.
Thermal map @ VIN=265 VAC, full load, TAMB=25 °C; IC externally biased. . . . . . . . . . . . 28
Figure 46.
Thermal map @ VIN=265 VAC, full load, TAMB=25 °C; IC self-biased . . . . . . . . . . . . . . . . 28
Figure 47.
Peak measurements @ VIN=115 VAC, full load, TAMB=25 ×C; IC externally biased . . . . . 29


Similar Part No. - AN4116

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4116 FAIRCHILD-AN4116 Datasheet
251Kb / 12P
   A Fairchild Power Switch
More results

Similar Description - AN4116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
   This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
AN4106 STMICROELECTRONICS-AN4106 Datasheet
3Mb / 39P
   This document describes a 12 V-1 A power supply
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
   This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
logo
FSP TECHNOLOGY INC.
FSP350-50ERN FSP-FSP350-50ERN_15 Datasheet
214Kb / 1P
   specification describes a 350 watts power supply.
FSP350-60EPN80 FSP-FSP350-60EPN80_15 Datasheet
136Kb / 1P
   specification describes a 350 watts power supply.
FSP350-60APN85 FSP-FSP350-60APN85_15 Datasheet
122Kb / 1P
   specification describes a 350 watts power supply.
FSP350-60EGN FSP-FSP350-60EGN_15 Datasheet
146Kb / 1P
   specification describes a 350 watts power supply.
FSP350-50ARN FSP-FSP350-50ARN_15 Datasheet
201Kb / 1P
   specification describes a 350 watts power supply.
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
   This document describes
AN3955 STMICROELECTRONICS-AN3955 Datasheet
717Kb / 68P
   This document describes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com