Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4163 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4163
Description  This application note describes the demonstration board EVL4984-350W
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4163 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4163 Datasheet HTML 5Page - STMicroelectronics AN4163 Datasheet HTML 6Page - STMicroelectronics AN4163 Datasheet HTML 7Page - STMicroelectronics AN4163 Datasheet HTML 8Page - STMicroelectronics AN4163 Datasheet HTML 9Page - STMicroelectronics AN4163 Datasheet HTML 10Page - STMicroelectronics AN4163 Datasheet HTML 11Page - STMicroelectronics AN4163 Datasheet HTML 12Page - STMicroelectronics AN4163 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DocID023658 Rev 2
9/33
AN4163
Test results and significant waveforms
33
For user reference, waveforms of the input current and voltage at the nominal input voltage
mains and different load conditions are shown in Figure 7 to Figure 10.
Figure 7. EVL4984-350W input current
waveform at 100 V - 60 Hz - 350 W load
Figure 8. EVL4984-350W input current
waveform at 230 V - 50 Hz - 350 W load
AM13396v1
AM13397v1
Figure 9. EVL4984-350W input current
waveform at 100 V - 60 Hz - half load
Figure 10. EVL4984-350W input current
waveform at 230 V - 50 Hz - half load
AM13398v1
AM13399v1


Similar Part No. - AN4163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
   This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
   This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
   PCB design guidelines for the SPIRIT1 transceiver
More results

Similar Description - AN4163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3360 STMICROELECTRONICS-AN3360 Datasheet
2Mb / 16P
   This application note describes the demonstration board
AN3385 STMICROELECTRONICS-AN3385 Datasheet
827Kb / 15P
   This application note describes the STEVAL-CCA027V1 demonstration
AN4027 STMICROELECTRONICS-AN4027 Datasheet
2Mb / 41P
   This application note describes the EVL6699-150W-SR demonstration
AN3040 STMICROELECTRONICS-AN3040 Datasheet
698Kb / 27P
   This application note describes a demonstration board able to drive
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN3032 STMICROELECTRONICS-AN3032 Datasheet
1Mb / 26P
   This application note describes a demonstration board able to drive
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com