Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3725A Datasheet(PDF) 3 Page - NEC

Part # UPD3725A
Description  5000-BIT x 3 CCD COLOR LINEAR IMAGE SENSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3725A Datasheet(HTML) 3 Page - NEC

  UPD3725A Datasheet HTML 1Page - NEC UPD3725A Datasheet HTML 2Page - NEC UPD3725A Datasheet HTML 3Page - NEC UPD3725A Datasheet HTML 4Page - NEC UPD3725A Datasheet HTML 5Page - NEC UPD3725A Datasheet HTML 6Page - NEC UPD3725A Datasheet HTML 7Page - NEC UPD3725A Datasheet HTML 8Page - NEC UPD3725A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
µPD3725A
PIN CONFIGURATIONS (Top View)
CCD linear image sensor 24-pin ceramic DIP (600 mil)
PHOTOCELL STRUCTURE DIAGRAM
Signal output 3 (GREEN)
Signal output 6 (RED)
Signal output 5 (RED)
Output drain voltage
Reset clock 2
Last-stage shift register clock 2
Ground
Shift register clock 1
Shift register clock 2
Transfer gate clock 3
Shift register clock 1
Shift register clock 2
VOUT3
VOUT6
VOUT5
VOD
R2B
2L
GND
1A4
2A4
TG3
1A3
2A3
φ
φ
φ
φ
φ
φ
φ
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOUT4
VOUT1
VOUT2
GND
R1B
1L
1A1
2A1
TG1
1A2
2A2
TG2
φ
φ
φ
φ
φ
φ
φ
φ
Signal output 4 (GREEN)
Signal output 1 (BLUE)
Signal output 2 (BLUE)
Ground
Reset clock 1
Last-stage shift register clock 1
Shift register clock 1
Shift register clock 2
Transfer gate clock 1
Shift register clock 1
Shift register clock 2
Transter gate clock 2
12 m
µ
2 m
µ
Channel stopper
Aluminium
electrode


Similar Part No. - UPD3725A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720ACY NEC-UPD3720ACY Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728 NEC-UPD3728 Datasheet
154Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728D NEC-UPD3728D Datasheet
154Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3728DZ NEC-UPD3728DZ Datasheet
213Kb / 28P
   7300 PIXELS x3 COLOR CCD LINEAR IMAGE SENSOR
More results

Similar Description - UPD3725A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
   5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3571 NEC-UPD3571 Datasheet
225Kb / 10P
   5000 BIT CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
   5000-pixel X 3 line CCD Linear Sensor (Color)
logo
NEC
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3719 NEC-UPD3719 Datasheet
147Kb / 20P
   10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com