Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5004 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5004
Description  Dual Low Dropout Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5004 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5004_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5004_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5004_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5004_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5004_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5004_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5004_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IOUT=0A; VIN=VOUT+3V
0A≤IOUT≤3A; ∆VOUT=50mV
100mA≤IOUT≤3A
VIN=VOUT+3V
IOUT=0A
(VOUT+3V)≤VIN≤(VOUT+15V)
VIN=VOUT+3V; IOUT=0A
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE @ Tc=125°C
IOUT=0A; VIN=VOUT+3V
0A≤IOUT≤3A; ∆VOUT=50mV
VIN=VOUT+3V
100mA≤IOUT≤3A
IOUT=0A
(VOUT+3V)≤VIN≤(VOUT+15V)
VIN=VOUT+3V; IOUT=0A
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE @ Tc=125°C
PART
NUMBER
POSITIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NEGATIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
Max.
1.0
2.0
1.5
1
2
0.5
.75
15
-
-
4.5
1.0
2.0
1.2
1
2
.5
.75
10
-
-
4.7
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5000-5009
MSK5000B-5009B
ESD Rating
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
Class 2
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Outputs are decoupled to ground using 33µF minimum low ESR capacitors unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Please consult the factory if alternate output voltages are required.
Input voltage (VIN=VOUT + a specified voltage) is implied to be more negative than VOUT.
Continuous operation at or above absolute maximum ratings may adversely effect the device
performance and/or life cycle.
Internal solder reflow temperature is 180°C, do not exceed.
Min.
-
-
-
-
-
-
-
-
3.0
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Group A
Subgroup
1
2,3
1
1
2,3
1
2,3
1,2,3
-
-
-
1
2,3
1
1
2,3
1
2,3
1,2,3
-
-
-
Min.
-
-
-
-
-
-
-
-
3.2
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Typ.
0.1
0.1
1.3
0.2
0.3
0.1
0.2
10
4
75
4.3
0.1
0.1
0.8
0.2
0.3
.1
.2
4.5
3.5
75
4.5
Typ.
0.1
-
1.3
0.2
-
0.1
-
10
4
75
4.3
0.1
-
0.8
0.2
-
.1
-
4.5
3.5
75
4.5
Max.
2.0
-
1.6
2
-
0.6
-
15
-
-
4.6
2.0
-
1.3
2
-
.6
-
10
-
-
4.8
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK5000 SERIES
MSK5000B SERIES
3
2
2
2
2
%
%
V
%
%
%
%
mA
A
dB
°C/W
%
%
V
%
%
%
%
mA
A
dB
°C/W
+3.3V
+5.0V
+5.0V
+12.0V
+12.0V
+15.0V
+15.0V
+5.0V
+5.0V
+10.0V
MSK5000
MSK5001
MSK5002
MSK5003
MSK5004
MSK5005
MSK5006
MSK5007
MSK5008
MSK5009
-5.2V
-5.0V
-5.2V
-5.0V
-12.0V
-15.0V
-5.0V
-12.0V
-15.0V
-10.0V
8
OUTPUT VOLTAGES
POSITIVE NEGATIVE
7
2
2
1
2
3
4
5
6
7
8
9
10
2
NOTES:
2
2
9
±30V
Internally Limited
±3A
+150°C
Input Voltage (WRT VOUT)
Power Dissipation
Output Current
Junction Temperature
±VIN
PD
IOUT
TJ
10
8548-81 Rev. K 2/15


Similar Part No. - MSK5004_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5000 MSK-MSK5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5000BTD MSK-MSK5000BTD Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5000BTS MSK-MSK5000BTS Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5000BTU MSK-MSK5000BTU Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5004_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5003 MSK-MSK5003_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
MSK5006 MSK-MSK5006_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
MSK5008 MSK-MSK5008_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
MSK5002 MSK-MSK5002_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
MSK5009 MSK-MSK5009_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
MSK5005 MSK-MSK5005_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
MSK5000 MSK-MSK5000_15 Datasheet
780Kb / 7P
   Dual Low Dropout Voltage
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
logo
ON Semiconductor
LM2935 ONSEMI-LM2935 Datasheet
125Kb / 8P
   LOW DROPOUT DUAL VOLTAGE REGULATOR
1996 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com