Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5010-33 Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5010-33
Description  Available in 3.3V, 5.0V and 12.0V versions
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5010-33 Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5010-33_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5010-33_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5010-33_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5010-33_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5010-33_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5010-33_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5010-33_15 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MECHANICAL SPECIFICATIONS
5
ORDERING INFORMATION
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T= TOP TAB
SCREENING
BLANK=INDUSTRIAL; B=MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
3.3=+3.3V; 5=+5.0V; 12=+12.0V
GENERAL PART NUMBER
MSK5010-3.3 B T U
THE ABOVE EXAMPLE IS A +3.3V, MILITARY REGULATOR USING THE TOP TAB PACKAGE WITH LEADS BENT UP.
WEIGHT=7.7 GRAMS TYPICAL
ESD TRIANGLE INDICATES PIN 1
ALL DIMENSIONS ARE SPECIFIED IN INCHES
8548-149 Rev. J 2/15


Similar Part No. - MSK5010-33_15

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5010-3.3BTD ANAREN-MSK5010-3.3BTD Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-3.3BTS ANAREN-MSK5010-3.3BTS Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5010-3.3BTU ANAREN-MSK5010-3.3BTU Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5010-3.3ETD MSK-MSK5010-3.3ETD Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5010-33_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-50 MSK-MSK5020-50_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
   Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
   Available in both 5V and 3.3V versions
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
   available in TCXO and VCTCXO versions
12/10/05
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
   available in TCXO and VCTCXO versions.
28/10/05
ACT532T-4 ACT-ACT532T-4 Datasheet
176Kb / 2P
   available in TCXO and VCTCXO versions
12/10/05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com