Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1109A Datasheet(PDF) 1 Page - Linear Technology

Part # LT1109A
Description  Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1109A Datasheet(HTML) 1 Page - Linear Technology

  LT1109A_15 Datasheet HTML 1Page - Linear Technology LT1109A_15 Datasheet HTML 2Page - Linear Technology LT1109A_15 Datasheet HTML 3Page - Linear Technology LT1109A_15 Datasheet HTML 4Page - Linear Technology LT1109A_15 Datasheet HTML 5Page - Linear Technology LT1109A_15 Datasheet HTML 6Page - Linear Technology LT1109A_15 Datasheet HTML 7Page - Linear Technology LT1109A_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1109A
Micropower
DC/DC Converter
Flash Memory VPP Generator
Adjustable and Fixed 5V, 12V
APPLICATI
TYPICAL
Output Voltage
VOUT
2V/DIV
SHUTDOWN
5V/DIV
500
µs/DIV
1109A TA03
12V
Output Current
OUTPUT CURRENT (mA)
0
13.0
12.5
12.0
11.5
11.0
10.5
10.0
50
100
150
200
1109A TA02
250
300
VIN = 4.5V
VIN = 5V
S
FEATURE
s
Uses Off-the-Shelf Inductors
s
Low Cost
s
8-Pin DIP or SO Package
s
Fixed 5V or 12V Output or Adjustable Version
s
Only Four External Components Required
s
360
µA Standby Current
s
Logic-Controlled Shutdown
S
APPLICATI
s
Flash Memory VPP Generators
s
5V to 12V Converters
s
3.3V to 12V Converters
s
Disk Drives
s
PC Plug-In Cards
s
Peripherals
s
Battery-Powered Equipment
The LT1109A is a simple step-up DC/DC converter. The 8-
pin DIP or SOIC devices require only four external compo-
nents to construct a complete DC/DC converter. Current
drain is just 360
µA at no load, making the device ideal for
cost-sensitive applications where standby current must
be kept to a minimum.
The LT1109A-12 can deliver 12V at over 150mA from a 5V
supply, enough power to program four flash memory
chips simultaneously. The LT1109A-5 can deliver 5V at up
to 110mA from a 2V input. The devices feature a shutdown
pin that turns off the oscillator when taken low. The gated-
oscillator design requires no frequency compensation
components. High frequency 120kHz operation permits
the use of small surface mount inductors and capacitors.
DESCRIPTIO
All Surface Mount
Flash Memory VPP Generator
+
SENSE
VIN
PGND
GND
LT1109ACS8-12
SHUTDOWN
SW
MBRS130T3
8
3
1
7
45
C2
47
µF
20V
VOUT
12V
L1*
33
µH
COILTRONICS CTX33-2
SUMIDA CD54-330LC
1 = PROGRAM
0 = SHUTDOWN
+
+VIN
5V
C1
22
µF
10V
1109A TA01
**
*
**


Similar Part No. - LT1109A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109A-12 LINER-LT1109A-12 Datasheet
206Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1109A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1109A LINER-LT1109A_03 Datasheet
153Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1109A LINER-LT1109A Datasheet
206Kb / 8P
   Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108 Datasheet
266Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com