Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1116 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1116
Description  12ns, Single Supply Ground-Sensing Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1116 Datasheet(HTML) 3 Page - Linear Technology

  LT1116_15 Datasheet HTML 1Page - Linear Technology LT1116_15 Datasheet HTML 2Page - Linear Technology LT1116_15 Datasheet HTML 3Page - Linear Technology LT1116_15 Datasheet HTML 4Page - Linear Technology LT1116_15 Datasheet HTML 5Page - Linear Technology LT1116_15 Datasheet HTML 6Page - Linear Technology LT1116_15 Datasheet HTML 7Page - Linear Technology LT1116_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1116
3
1116fb
SYMBOL
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
+ Positive Latch Threshold
2.0
V
VIL
– Latch Threshold
0.8
V
IIL
Latch Input Current
VLATCH = 0V
–20
–500
µA
tPD
Propagation Delay
∆VIN = 100mV, OD = 5mV (Note 4)
12
16
ns
18
ns
tPD
Propagation Delay
∆VIN = 100mV, OD = 20mV (Note 4)
10
14
ns
16
ns
∆tPD
Differential Propagation Delay
∆VIN = 100mV, OD = 5mV (Note 4)
3
ns
tSU
Latch Set-Up Time
(Note 5)
2
ns
tH
Latch Hold Time
(Note 5)
2
ns
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over full operating temperature
range, otherwise specifications are at TA = 25°C. V+ = 5V, V+ = –5V, VOUT = (Q) = I .4V, LATCH = 0V, unless noted.
Note 4: tPD and ∆tPD cannot be measured in automatic handling
equipment with low values of overdrive. The LT1116 is sample tested with
a 1V step and 500mV overdrive. Correlation tests have shown that tPD and
∆tPD can be guaranteed with this test if additional DC tests are performed
to verify internal bias conditions are correct. For low overdrive conditions
VOS is added to the measured overdrive.
Note 5: Input latch set-up time, tSU, is the interval in which the input signal
must be stable prior to asserting the latch signal. The hold time,
tH, is the interval after the latch is asserted in which the input signal must
be stable.
Gain CharacteristIcs
Propagation Delay
vs Load Capacitance
Propagation Delay vs Overdrive
DIFFERENTIAL INPUT VOLTAGE (mV)
– 2.5
2.5
3.0
4.0
3.5
2.5
1.5
0.5
5.0
4.5
2.0
1.0
0
– 1.5
1.5
– 0.5
0.5
0
LT1116 • TPC01
VS = ±5V
IOUT = 0
TJ = 125°C
TJ = –55°C
TJ = 25°C
OVERDRIVE VOLTAGE (mV)
0
15
20
25
40
10
5
0
10
20
30
50
LT1116 • TPC02
TJ = 25°C
STEP SIZE = 100mV
tPDLH
tPDHL
OUTPUT LOAD CAPACITANCE (pF)
0
12
16
20
18
14
10
6
2
40
8
4
0
10
20
30
50
LT1116 • TPC03
STEP = 100mV, OVERDRIVE = 5mV
tPDLH
tPDHL
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliabilty and lifetime.
Note 2: Input offset voltage is defined as the average of two offset
voltages measured by forcing first the Q output to 1.4V then forcing
the Q output to 1.4V.
Note 3: Input bias current is defined as the average of the two input
currents.


Similar Part No. - LT1116_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1116C LINER-LT1116C Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
LT1116CN8 LINER-LT1116CN8 Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
LT1116CN8 LINER-LT1116CN8 Datasheet
142Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116CS8 LINER-LT1116CS8 Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
LT1116CS8 LINER-LT1116CS8 Datasheet
142Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
More results

Similar Description - LT1116_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1116 LINER-LT1116_06 Datasheet
142Kb / 8P
   12ns, Single Supply Ground-Sensing Comparator
LT1116 LINER-LT1116 Datasheet
463Kb / 7P
   12ns, Single Supply Ground-Sensiing Comparator
LT1671 LINER-LT1671 Datasheet
199Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1671 LINER-LT1671_15 Datasheet
214Kb / 12P
   60ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
   SINGLE-SUPPLY COMPARATOR
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
   SINGLE-SUPPLY QUAD COMPARATOR
NJM2903 NJRC-NJM2903 Datasheet
240Kb / 5P
   SINGLE-SUPPLY DUAL COMPARATOR
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
   Quad Single Supply Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com