Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5102-120 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5102-120
Description  Extremely Compact 10 Pin Flatpack With Metal Base
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5102-120 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5102-120_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5102-120_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5102-120_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5102-120_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5102-120_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5102-120_15 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VOUT=-1%; IOUT=100m A
VOUT=-1%; IOUT=1.5A
VIN=VOUT+1V
10mA ≤ IOUT ≤ 1.25A
(VOUT +1V) ≤ VIN ≤ 26V
IOUT=10mA
VOUT=0V; VIN=VOUT+1V
VIN=VOUT+1V; IOUT=0.75A
VIN=VOUT+1V; IOUT=1.5A
CL=10µF; 10Hz ≤ f ≤ 100KHz
VENABLE ≤ 0.8V
Junction to Case @ 125°C
TJ
Output Current Limit
Output Noise
Shutdown Output Current
Thermal Resistance
Thermal Shutdown
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Ground Current
Enable Input Voltage
Enable Input Current
VIN Pulse (100mS max,1% Duty)
Input Voltage
Enable Voltage
Output Current
Storage Temperature Range
Lead Temperature
(10 Seconds Soldering)
Operating Temperature
MSK5102 Series
MSK5102H Series
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
-
-
-
-
1
1
1
1
-
-
-
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
V
V
µA
µA
µA
°C/W
°C
-20V to +60V
26V
-0.3V to 26V
3.5A
VINP
VIN
VEN
IOUT
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
1
Test Conditions
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 10µF minimum capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4
Subgroup 2
Subgroup 3
Please consult factory if alternate output voltages are desired.
Due to current limit, maximum output current may not be available at all values of VIN-VOUT and temperatures. See typical perfor-
mance curves for clarification.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TC=+25°C
TJ=+125°C
TA=-55°C
HIGH/ON
LOW/OFF
HIGH/ON
LOW/OFF
MSK5102H SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Typ.
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
2.1
18
32
400
-
-
100
-
10
5.6
135
Max.
±1.0
±2.0
200
600
±1.0
±2.0
±0.5
±1.0
3.5
30
-
-
-
0.8
600
2
500
6
-
Typ.
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
2.1
18
32
400
-
-
100
-
10
5.6
135
MSK 5102 SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
Max.
±1.0
-
225
625
±1.2
-
±0.6
-
3.5
30
-
-
-
0.8
600
2
500
7
-
Units
2
2
2
2
3
IOUT=10mA; VIN=VOUT+1V
2
2
2
2
2
8
9
8548-36 Rev. D 5/15


Similar Part No. - MSK5102-120_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5102-12 MSK-MSK5102-12 Datasheet
250Kb / 5P
   MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
MSK5102-12B MSK-MSK5102-12B Datasheet
250Kb / 5P
   MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
MSK5102-12E MSK-MSK5102-12E Datasheet
250Kb / 5P
   MSK5102-3.3H LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102-12H ANAREN-MSK5102-12H Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5102-120_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5102-15 MSK-MSK5102-15_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-19 MSK-MSK5102-19_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5101-00 MSK-MSK5101-00_15 Datasheet
428Kb / 5P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-17 MSK-MSK5102-17_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-18 MSK-MSK5102-18_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-25 MSK-MSK5102-25_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-33 MSK-MSK5102-33_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
MSK5102-50 MSK-MSK5102-50_15 Datasheet
728Kb / 6P
   Extremely Compact 10 Pin Flatpack With Metal Base
logo
Vishay Siliconix
1476 VISHAY-1476 Datasheet
117Kb / 1P
   Bulk Metal Foil Technology 30 Pin Flatpack Hermetic Resistor Network
Revision 26-Mar-02
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
   Extremely compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com