Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5131-25 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5131-25
Description  Electrically Isolated Top Tab or Z Tab SIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5131-25 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5131-25_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5131-25_15 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6571
FEATURES:
SERIES
HIGH CURRENT,
LOW DROPOUT
VOLTAGE REGULATORS
Electrically Isolated Top Tab or Z Tab SIP
Extremely Low Dropout Voltage: 350mV @ 3 Amps
Available in +1.5V,+1.7V,+1.8V,+1.9V,+2.5V,+3.3V,+5.0V and
+12.0V
TTL Level Enable Pin: Zero Current Shutdown Mode
Reverse Battery and Load Dump Protection
Low Ground Current: 42mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 3 Amps
MIL-PRF-38534 CERTIFIED FACILITY
DESCRIPTION:
The MSK 5131 series voltage regulators are available in +1.5V,+1.7V,+1.8V,+1.9V,+2.5V,+3.3V,+5.0V and
+12.0V configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass
transistor with monolithic technology. Dropout voltages of 350mV at 3 amps are typical in this configuration, which
drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage
tolerance. The series also offers a TTL/CMOS compatible on/off enable function. The MSK 5131 series is packaged
in a space efficient 5 pin power SIP available in two styles with three lead bend options.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
Enable
Vin
Ground
Vout
N/C
1
2
3
4
5
5131
CASE=ISOLATED
8548-49 Rev. D 4/12


Similar Part No. - MSK5131-25_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5131-2.5ETD MSK-MSK5131-2.5ETD Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5ETS MSK-MSK5131-2.5ETS Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5ETU MSK-MSK5131-2.5ETU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5EZD MSK-MSK5131-2.5EZD Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5EZS MSK-MSK5131-2.5EZS Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5131-25_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-17 MSK-MSK5116-17_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-33 MSK-MSK5116-33_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5130-33 MSK-MSK5130-33_15 Datasheet
136Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-18 MSK-MSK5131-18_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-50 MSK-MSK5116-50_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-17 MSK-MSK5131-17_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-120 MSK-MSK5131-120_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-25 MSK-MSK5116-25_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5131-50 MSK-MSK5131-50_15 Datasheet
122Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
MSK5116-19 MSK-MSK5116-19_15 Datasheet
123Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com