Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1118-2.85 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1118-2.85
Description  800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1118-2.85 Datasheet(HTML) 2 Page - Linear Technology

  LT1118-2.85_15 Datasheet HTML 1Page - Linear Technology LT1118-2.85_15 Datasheet HTML 2Page - Linear Technology LT1118-2.85_15 Datasheet HTML 3Page - Linear Technology LT1118-2.85_15 Datasheet HTML 4Page - Linear Technology LT1118-2.85_15 Datasheet HTML 5Page - Linear Technology LT1118-2.85_15 Datasheet HTML 6Page - Linear Technology LT1118-2.85_15 Datasheet HTML 7Page - Linear Technology LT1118-2.85_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1118/LT1118-2.5/
LT1118-2.85/LT1118-5
2
1118fd
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................15V
Input Voltage (Enable).................................– 0.2V to 7V
Output Voltage ............................... – 0.2V to VCC + 0.5V
Short-Circuit Duration ..................................... Indefinite
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
GND
IN
OUT
IN
GND
NC
EN
FB
TJMAX = 125°C,
θJA = 15°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
EN
GND
GND
NC
IN
OUT
GND
IN
TJMAX = 125°C,
θJA = 15°C/W
3
2
1
FRONT VIEW
TAB IS
GND
IN
GND
OUT
ST PACKAGE
3-LEAD PLASTIC SOT-223
TJMAX = 125°C,
θJC = 15°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1118CS8#PBF
LT1118CS8#TRPBF
1118
8-Lead Plastic SO
0°C to 70°C
LT1118CS8-2.5#PBF
LT1118CS8-2.5#TRPBF
111825
8-Lead Plastic SO
0°C to 70°C
LT1118CS8-2.85#PBF
LT1118CS8-2.85#TRPBF
111828
8-Lead Plastic SO
0°C to 70°C
LT1118CS8-5#PBF
LT1118CS8-5#TRPBF
11185
8-Lead Plastic SO
0°C to 70°C
LT1118CST-2.5#PBF
LT1118CST-2.5#TRPBF
111825
3-Lead Plastic SOT-223
0°C to 70°C
LT1118CST-2.85#PBF
LT1118CST-2.85#TRPBF
111828
3-Lead Plastic SOT-223
0°C to 70°C
LT1118CST-5#PBF
LT1118CST-5#TRPBF
11185
3-Lead Plastic SOT-223
0°C to 70°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1118CS8
LT1118CS8#TR
1118
8-Lead Plastic SO
0°C to 70°C
LT1118CS8-2.5
LT1118CS8-2.5#TR
111825
8-Lead Plastic SO
0°C to 70°C
LT1118CS8-2.85
LT1118CS8-2.85#TR
111828
8-Lead Plastic SO
0°C to 70°C
LT1118CS8-5
LT1118CS8-5#TR
11185
8-Lead Plastic SO
0°C to 70°C
LT1118CST-2.5
LT1118CST-2.5#TR
111825
3-Lead Plastic SOT-223
0°C to 70°C
LT1118CST-2.85
LT1118CST-2.85#TR
111828
3-Lead Plastic SOT-223
0°C to 70°C
LT1118CST-5
LT1118CST-5#TR
11185
3-Lead Plastic SOT-223
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range...................... 0°C to 70°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C


Similar Part No. - LT1118-2.85_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118-2.85 LINER-LT1118-2.85 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
More results

Similar Description - LT1118-2.85_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1118 LINER-LT1118_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
   800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com