Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1120 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1120
Description  Micropower Regulator with Comparator and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1120 Datasheet HTML 4Page - Linear Technology LT1120 Datasheet HTML 5Page - Linear Technology LT1120 Datasheet HTML 6Page - Linear Technology LT1120 Datasheet HTML 7Page - Linear Technology LT1120 Datasheet HTML 8Page - Linear Technology LT1120 Datasheet HTML 9Page - Linear Technology LT1120 Datasheet HTML 10Page - Linear Technology LT1120 Datasheet HTML 11Page - Linear Technology LT1120 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1120
1120fd
TYPICAL APPLICATIO S
+
VIN
VOUT
FB
GND
LT1120
4
0.001
μF1M
1M
10
μF
LOGIC
INPUT
5V
OUT
NC
2N3904*
VIN > 5.2V
IQ = 40μA
1120 TA09
2
1
5
* TRANSISTOR USED BECAUSE OF LOW LEAKAGE CHARACTERISTICS.
TO TURN OFF THE OUTPUT OF THE LT1120 FORCE FB (PIN 2) > 2.5V.
5V Regulator with Feedback Shutdown
Battery-Backup Regulator
+
VIN
VOUT
FB
GND
LT1120
4
0.001
μF1M
50k
1M
10
μF
VOUT
5V
BATTERY
INPUT
MAIN
POWER
INPUT
1120 TA08
2
1
5
VIN
VOUT
FB
GND
LT1120
5
1
4
2
INTERNAL PARASITIC
DIODES OF LT1120
VOUT
VIN
5V Regulator
Regulator with Improved Transient Response
+
+
VIN
VOUT
FB
GND
LT1120
4
0.001
μF1M
1M
25
μF
5V
VIN > 5.2V
IQ = 40μA
1120 TA06
10
μF
2
1
5
+
VIN
VOUT
FB
GND
LT1120
4
0.001
μF
0.001
μF
1M
1M
22k
25
μF
5V
VIN > 5.2V
1120 TA07
2
1
5


Similar Part No. - LT1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120 LINER-LT1120 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com